Electronic Components Datasheet Search
  English  ▼

X  

PCM1730 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1730
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1730 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1730 Datasheet HTML 4Page - Texas Instruments PCM1730 Datasheet HTML 5Page - Texas Instruments PCM1730 Datasheet HTML 6Page - Texas Instruments PCM1730 Datasheet HTML 7Page - Texas Instruments PCM1730 Datasheet HTML 8Page - Texas Instruments PCM1730 Datasheet HTML 9Page - Texas Instruments PCM1730 Datasheet HTML 10Page - Texas Instruments PCM1730 Datasheet HTML 11Page - Texas Instruments PCM1730 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
PCM1730
SLES021 – NOVEMBER 2001
8
www.ti.com
functional description (continued)
Reset
Reset Removal
1024 System Clocks
VDD
2.4 V (Max)
2 V (Typ)
1.6 V (Min)
Internal Reset
System Clock
Figure 2. Power-On Reset Timing
Reset
Reset Removal
1024 System Clocks
Internal Reset
System Clock
RST (Pin 36)
50% of VDD
t(RST)
PARAMETER
MIN
UNIT
Reset pulse width low, t(RST)
20
ns
Figure 3. External Reset Timing
audio data interface
audio serial interface
The audio serial interface for the PCM1730 is comprised of a 3-wire synchronous serial port. It includes LRCK
(pin 4), BCK (pin 6), and DATA (pin 5). BCK is the serial audio bit clock, and it is used to clock the serial data
present on DATA into the audio interface’s serial shift register. Serial data is clocked into the PCM1730 on the
rising edge of BCK. LRCK is the serial audio left/right word clock. It is used to latch serial data into the serial
audio interface’s internal registers.
LRCK should be synchronous with the system clock. In the event these clocks are not synchronized, the
PCM1730 can compensate for the phase difference internally. If the phase difference between LRCK and SCKI
is greater than 6-bit clocks (BCK), the synchronization is performed internally. While the synchronization is
processing, the analog output is forced to bipolar zero level. The synchronization typically occurs in less than
one cycle of LRCK.
Ideally, it is recommended that LRCK and BCK be derived from the system clock input or output, SCKI or SCKO.
The left/right clock, LRCK, is operated at the sampling frequency, fS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com