Electronic Components Datasheet Search
  English  ▼

X  

PCM1730 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1730
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1730 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1730 Datasheet HTML 14Page - Texas Instruments PCM1730 Datasheet HTML 15Page - Texas Instruments PCM1730 Datasheet HTML 16Page - Texas Instruments PCM1730 Datasheet HTML 17Page - Texas Instruments PCM1730 Datasheet HTML 18Page - Texas Instruments PCM1730 Datasheet HTML 19Page - Texas Instruments PCM1730 Datasheet HTML 20Page - Texas Instruments PCM1730 Datasheet HTML 21Page - Texas Instruments PCM1730 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
PCM1730
SLES021 – NOVEMBER 2001
18
www.ti.com
TYPICAL CHARACTERISTICS
de-emphasis error
Figure 13
f – Frequency – kHz
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
02468
10
12
14
VCC = 5 V
VDD = 3.3 V
fS = 32 kHz
TA = 25°C
DE-EMPHASIS LEVEL
vs
FREQUENCY
Figure 14
f – Frequency – kHz
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
0.4
0.5
02468
10
12
14
VCC = 5 V
VDD = 3.3 V
fS = 32 kHz
TA = 25°C
DE-EMPHASIS ERROR
vs
FREQUENCY
Figure 15
f – Frequency – kHz
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0
2468
10
12
14
16
18
20
VCC = 5 V
VDD = 3.3 V
fS = 44.1 kHz
TA = 25°C
DE-EMPHASIS LEVEL
vs
FREQUENCY
Figure 16
f – Frequency – kHz
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
0.4
0.5
0
2468
10
12
14
16
18
20
VCC = 5 V
VDD = 3.3 V
fS = 44.1 kHz
TA = 25°C
DE-EMPHASIS ERROR
vs
FREQUENCY
† All specifications at TA = 25°C, VDD = 3.3 V, VCC = 5 V, SCKI = 256 fS (fS = 44.1 kHz), and 24-bit input data (unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com