Electronic Components Datasheet Search
  English  ▼

X  

PCM1730 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1730
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1730 Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1730 Datasheet HTML 11Page - Texas Instruments PCM1730 Datasheet HTML 12Page - Texas Instruments PCM1730 Datasheet HTML 13Page - Texas Instruments PCM1730 Datasheet HTML 14Page - Texas Instruments PCM1730 Datasheet HTML 15Page - Texas Instruments PCM1730 Datasheet HTML 16Page - Texas Instruments PCM1730 Datasheet HTML 17Page - Texas Instruments PCM1730 Datasheet HTML 18Page - Texas Instruments PCM1730 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
PCM1730
SLES021 – NOVEMBER 2001
15
www.ti.com
PCB layout guidelines (continued)
Separate power supplies are recommended for the digital and analog sections of the board. This prevents the
switching noise present on the digital supply from contaminating the analog power supply and degrading the
dynamic performance of the D/A converters. In cases where a common 5-V supply must be used for the analog
and digital sections, an inductance (RF choke, ferrite bead) should be placed between the analog and digital
5-V supply connections to avoid coupling of the digital switching noise into the analog circuitry. Figure 10 shows
the recommended approach for single-supply applications.
bypass and decoupling capacitor requirements
Various-sized decoupling capacitors can be used, with no special tolerances being required. All capacitors
should be located as close to the appropriate pins of the PCM1730 as possible to reduce noise pickup from
surrounding circuitry. Aluminum electrolytic capacitors that are designed for hi-fi audio applications are
recommended for larger values, while metal-film or monolithic ceramic capacitors are used for smaller values.
I/V section
I/V conversion circuit by op amp IC and feedback resistor should achieve excellent performance of the
PCM1730. To obtain 0.0004% THD+N, 117-dB signal-to-noise ratio audio performance, THD+N and input noise
performance by the op amp IC should be considered, especially if the input noise of the op amp directly gives
output noise level of the application. The IOUT– pin on the PCM1730 and the inverted input on the I/V amp should
be connected as short distance.
post LPF design
Out-band noise level and attenuated sampling spectrum level are much lower than typical delta-sigma type DAC
due to the combination of a high-performance digital filter and advanced segment DAC architecture. Second-
order or third-order post LPF is recommended as post LPF of the PCM1730. Cutoff frequency of post LPF is
depends on applications to that there are many sampling rate operation such as fS = 44.1 kHz on CDDA,
fS = 96 kHz on DVD–M, fS = 192 kHz on DVD–A.
Digital
Logic
and
Audio
Processor
Digital Power
+VD
DGND
Digital Section
Analog Section
Return Path for Digital Signals
Analog Power
+VS
AGND
–VS
+5VA
Digital
Ground
Analog
Ground
Output
Circuits
PCM1730
AGND
VCC
VDD
DGND
REG
Figure 9. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com