Electronic Components Datasheet Search
  English  ▼

X  

PCM1730 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1730
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1730 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1730 Datasheet HTML 5Page - Texas Instruments PCM1730 Datasheet HTML 6Page - Texas Instruments PCM1730 Datasheet HTML 7Page - Texas Instruments PCM1730 Datasheet HTML 8Page - Texas Instruments PCM1730 Datasheet HTML 9Page - Texas Instruments PCM1730 Datasheet HTML 10Page - Texas Instruments PCM1730 Datasheet HTML 11Page - Texas Instruments PCM1730 Datasheet HTML 12Page - Texas Instruments PCM1730 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PCM1730
SLES021 – NOVEMBER 2001
9
www.ti.com
audio data formats and timing
The PCM1730 supports industry-standard audio data formats, including standard right-justified, I2S, and
left-justified. The data formats are shown in Figure 4. Data formats are selected by using the FMT2 (pin 14),
FMT1 (pin 13) and FMT0 (pin 12) as shown in Table 2. All formats require binary 2’s complement, MSB-first
audio data. Figure 5 shows a detailed timing diagram for the serial audio interface.
Table 2. Audio Data Format Select
FMT2
(PIN 14)
FMT1
(PIN 13)
FMT0
(PIN 12)
FORMAT
Low
Low
Low
16-bit standard format, right-justified
Low
Low
High
20-bit standard format, right-justified
Low
High
Low
24-bit standard format, right-justified
Low
High
High
24-bit MSB-first, left-justified format
High
Low
Low
16-bit I2S format
High
Low
High
24-bit I2S format
High
High
Low
Reserved
High
High
High
Reserved
zero detect
When the PCM1730 detects that the audio input data in L-channel or R-channel is continuously zero for 1024
fS, the PCM1730 sets ZEROL (pin 2) or ZEROR (pin 3) to high.
soft mute
The PCM1730 supports mute operation. When MUTE (pin 15) is set to HIGH, both analog outputs are turned
to bipolar zero levels by –0.5-dB steps with transition speed of 1/fS per step. This system provides pop-free
muting of DAC output.
de-emphasis
The PCM1730 supports de-emphasis filter performance for sampling frequency 32 kHz, 44.1 kHz, 48 kHz.
Sampling frequency is selectable by using DEMP1 (pin 11) DEMP0 (pin 10) as shown in Table 3.
Table 3. De-Emphasis Control
DEMP1 (PIN 11)
DEMP0(PIN 10)
DE-EMPHASIS FUNCTION
Low
Low
Disabled
Low
High
48 kHz
High
Low
44.1 kHz
High
High
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com