Electronic Components Datasheet Search
  English  ▼

X  

MSOS404A Datasheet(PDF) 27 Page - Keysight Technologies

Part # MSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A Datasheet(HTML) 27 Page - Keysight Technologies

Back Button MSOS404A Datasheet HTML 23Page - Keysight Technologies MSOS404A Datasheet HTML 24Page - Keysight Technologies MSOS404A Datasheet HTML 25Page - Keysight Technologies MSOS404A Datasheet HTML 26Page - Keysight Technologies MSOS404A Datasheet HTML 27Page - Keysight Technologies MSOS404A Datasheet HTML 28Page - Keysight Technologies MSOS404A Datasheet HTML 29Page - Keysight Technologies MSOS404A Datasheet HTML 30Page - Keysight Technologies MSOS404A Datasheet HTML 31Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
27 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Keysight Portfolio Compare
InfiniiVision
Infiniium
Family
6000 X-Series
9000 Series
S-Series
90000A Series
Optimized for
Fastest update rate and
lowest price up to 6 GHz
Measurements up to
4 GHz
Superior signal integrity
up to 8 GHz
Superior signal integrity
up to 13 GHz
Available bandwidths
500 MHz to 6 GHz
600 MHz to 4 GHz
500 MHz to 8 GHz
2.5 to 13 GHz
Standard memory depth/ch (2-ch)
4 Mpts
40 Mpts
100 Mpts
40 Mpts
ADC bits
8
8
10
8
Bandwidth filters
Yes
20 MHz
(only on 1 MΩ input)
Yes. Extensive
Yes. Extensive
Bandwidth correction filters
No
No
Yes
Yes
Probe inputs
50 Ω and 1 MΩ
50 Ω and 1 MΩ
50 Ω and 1 MΩ
50 Ω
Motherboard and OS
None. Embedded
Intel Core 2 Duo. Win7
Intel i5 Quad-Core. Win7
Intel Core 2 Duo. Win7
Standard internal drive
None
HDD
Removable SSD
HDD
BNC inputs
Traditional
Traditional
Precision BNC
Precision BNC
MSO models
Yes
Yes
Yes
No
Frame volume comparison
1/2 X
X
X
2X
Infiniium S-Series blends high-performance oscilloscope capability with
a wide range general-purpose features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com