Electronic Components Datasheet Search
  English  ▼

X  

MSOS404A Datasheet(PDF) 40 Page - Keysight Technologies

Part # MSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A Datasheet(HTML) 40 Page - Keysight Technologies

Back Button MSOS404A Datasheet HTML 34Page - Keysight Technologies MSOS404A Datasheet HTML 35Page - Keysight Technologies MSOS404A Datasheet HTML 36Page - Keysight Technologies MSOS404A Datasheet HTML 37Page - Keysight Technologies MSOS404A Datasheet HTML 38Page - Keysight Technologies MSOS404A Datasheet HTML 39Page - Keysight Technologies MSOS404A Datasheet HTML 40Page - Keysight Technologies MSOS404A Datasheet HTML 41Page - Keysight Technologies MSOS404A Datasheet HTML 42Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
40 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Environmental and general
Temperature
Operating 5 to 40°C
Non-operating –40 to +65°C
Humidity
Operating up to 90% relative humidity (non-condensing) at +40 °C
Non-operating up to 90% relative humidity (non-condensing) at +65 °C
Altitude
Operating up to 4,000 meters (12,000 feet)
Non-operating up to 15,300 meters (50,000 feet)
Vibration
Operating random vibration 5 to 500 Hz, 10 minutes per axis, 0.3 g (rms)
Non-operating random vibration 5 to 500 Hz, 10 minutes per axis, 2.41 g (rms); resonant search 5 to 500 Hz,
swept sine, 1 octave/minute sweep rate, (0.75 g), 5 minute resonant dwell at 4 resonances per axis
Power
100 to 120 V, ± 10% 50/60/400 Hz
100 to 240 V, ± 10% 50/60 Hz
Max power dissipated: 380 W
Typical operator noise
35 dB at front of instrument
Weight
Frame: 12 kg (26.4 lbs). Shipping: 20 kg (44.1 lbs)
Dimensions (with feet retracted)
Height: 12.9 in (33 cm); width: 16.8 in (43 cm); depth: 9 in (23 cm)
Safety
CAN/CSA22.2 No. 61010-1-12 UL Std. 61010-1 (3rd Edition)
Electromagnetic compatibility
standards
IEC 61326-1:2005/EN 61326-1:2006
CISPR 11/EN 55011
IEC 61000-4-2/EN 61000-4-2
IEC 61000-4-3/EN 61000-4-3
IEC 61000-4-4/EN 61000-4-4
MTBF (mean time before failure)
110,000 hours (typical)
Keysight Oscilloscopes
Multiple form factors from 20 MHz to > 90 GHz | Industry leading specs | Powerful applications
Infiniium S-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com