Electronic Components Datasheet Search
  English  ▼

X  

MSOS404A Datasheet(PDF) 31 Page - Keysight Technologies

Part # MSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A Datasheet(HTML) 31 Page - Keysight Technologies

Back Button MSOS404A Datasheet HTML 27Page - Keysight Technologies MSOS404A Datasheet HTML 28Page - Keysight Technologies MSOS404A Datasheet HTML 29Page - Keysight Technologies MSOS404A Datasheet HTML 30Page - Keysight Technologies MSOS404A Datasheet HTML 31Page - Keysight Technologies MSOS404A Datasheet HTML 32Page - Keysight Technologies MSOS404A Datasheet HTML 33Page - Keysight Technologies MSOS404A Datasheet HTML 34Page - Keysight Technologies MSOS404A Datasheet HTML 35Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
S-Series Ordering Configuration
Standard accessories Included
All models ship standard with: 3-year warranty, four N2873A 500-MHz passive probes, probe accessory pouch, Keysight I/O libraries
suite, localized power cord, front panel cover, 8 GHz BNC calibration cable, keyboard, and mouse.
User guide and programmer’s guide ship on oscilloscope drive. Service guide available on Keysight.com. MSO models additionally ship
with 16-channel flying lead set logic probe, MSO cable, and MSO calibration fixture.
S-Series ordering configuration
1. Choose needed bandwidth
2. Choose MSO or DSO
3. Choose desired software applications
4. Choose memory depth upgrade
5. Choose any additional probes and accessories
Calibration and accessory options
Precision BNC (M) to SMA (F) adapters (qty 2)
(standalone PN: 54855-67604)
DSOS000-821
170225 compliant calibration
DSOS000-1A7
17025 compliant calibration with accreditation
DSOS000-AMG
ANSI Z540 complaint calibration
DSOS000-A6J
S-Series rackmount kit (8U high)
N2902B
Additional SSDs with Win7
N2746S
GPIB to LAN adapter
N4865A
Scope channels
DSO models
4 scope channels
MSO models
4 scope channels +
16 digital channels
Analog
bandwidth
Max sample rate
ADC bits
Standard memory
depth
User-installed
bandwidth upgrades
DSOS054A
MSOS054A
500 MHz
20 GSa/s (2 channels)
10 GSa/s (4 channels)
10
100 Mpts (2 channels)
50 Mpts (4 channels)
Yes
DSOS104A
MSOS104A
1 GHz
DSOS204A
MSOS204A
2 GHz
DSOS254A
MSOS254A
2.5 GHz
DSOS404A
MSOS404A
4 GHz
DSOS604A
MSOS604A
6 GHz 1
DSOS804A
MSOS804A
8 GHz 1
1. 6 GHz and 8 GHz bandwidth supported in 2-channel mode. If all four channels are on, a maximum bandwidth of 4 GHz is supported.
2. For MSO upgrades, customer-installable calibration is recommended and incurs additional charges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com