Electronic Components Datasheet Search
  English  ▼

X  

MSOS404A Datasheet(PDF) 11 Page - Keysight Technologies

Part # MSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button MSOS404A Datasheet HTML 7Page - Keysight Technologies MSOS404A Datasheet HTML 8Page - Keysight Technologies MSOS404A Datasheet HTML 9Page - Keysight Technologies MSOS404A Datasheet HTML 10Page - Keysight Technologies MSOS404A Datasheet HTML 11Page - Keysight Technologies MSOS404A Datasheet HTML 12Page - Keysight Technologies MSOS404A Datasheet HTML 13Page - Keysight Technologies MSOS404A Datasheet HTML 14Page - Keysight Technologies MSOS404A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Oscilloscope Overview – Frequency Domain (Continued)
Trying to interpret traditional oscilloscope time-domain specifications can be challenging in determining if a specific scope can
be recommended for RF/uW/mmW measurements. With correction filters, low-noise front end, and the 10-bit ADC, S-Series
oscilloscopes can be used for wideband RF applications. Typical RF characteristics for the S-Series are listed below with graphs
showing characterization results shown at the bottom of the page.
Typical RF characteristic values from measured results on an 8-GHz S-Series oscilloscope
Sensitivity/noise density
– 1 mV/div; —38 dBm range
– Power spectral density measurement at 1.0001 GHz, 1.0001 GHz center frequency, 500 kHz span, and 3 kHz RBW
—160 dBm/Hz
Noise figure
– Derived from measurement above
14 dB
Signal-to-noise ratio/dynamic range
– 0 dBm 1 GHz input carrier, 0 dBm scope input range
– 1 GHz center frequency, 100 MHz span, 1 kHz RBW, measurement at +20 MHz from center
108 dB
Absolute amplitude accuracy
– 0 to 7.5 GHz
± 1 dB
Deviation from linear phase
– 0 to 7.5 GHz
± 7 deg
Phase noise (at 1 GHz)
– 10 kHz offset
– 100 kHz offset
—121 dBc/Hz
—122 dBc/Hz
EVM
– 802.121 2.4 GHz carrier, 20 MHz wide, 64 QAM
—47 dB (0.47%)
Spurious responses (0 dBm signal, 0 dBm input range)
Spur Free Dynamic Range (SFDR)
– 1 GHz, 0 dBm signal present at input, FFT =5 GHz span, 3 GHz center, 100 kHz RBW
72 dB
2nd harmonic distortion
– 1 GHz input, 0 dBm, 5 GHz span, 3 GHz center, 100 KHz RBW
—64 dBc
3rd harmonic distortion
– 1 GHz input, 0 dBm, 5 GHz span, 3 GHz center, 100 KHz RBW
—46 dBc
Two-tone Third-Order Intermodulation (TOI) distortion
– 0 dBm input tones, 2.435 GHz and 2.439 GHz, 2 MHz separation, 2.437 GHz center frequency, 10 MHz span, 100 kHz
RBW, 6 dBm input range
+21.5 dB
Input match
– < 50 mV/div, 0-7 GHz
– >= 50 mV/div, 0-7 GHz
—15 dB; 1.4 VSWR
—19 dB; 1.25 VSWR
Using data acquired from S-Series, VSA shows an excellent TOI value of
21.5 dB.
Using data acquired from S-Series, VSA shows an EVM for IEEE 802.11
QAM 64 of 0.47%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com