Electronic Components Datasheet Search
  English  ▼

X  

MSOS404A Datasheet(PDF) 4 Page - Keysight Technologies

Part # MSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A Datasheet(HTML) 4 Page - Keysight Technologies

  MSOS404A Datasheet HTML 1Page - Keysight Technologies MSOS404A Datasheet HTML 2Page - Keysight Technologies MSOS404A Datasheet HTML 3Page - Keysight Technologies MSOS404A Datasheet HTML 4Page - Keysight Technologies MSOS404A Datasheet HTML 5Page - Keysight Technologies MSOS404A Datasheet HTML 6Page - Keysight Technologies MSOS404A Datasheet HTML 7Page - Keysight Technologies MSOS404A Datasheet HTML 8Page - Keysight Technologies MSOS404A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
04 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Industry’s Best Signal Integrity
S-Series next-generation technology blocks enable superior measurements
10-bit ADC
Each model incorporates the industry’s fastest 10-bit ADC with a sample rate of
40 GSa/s. This yields 2 channels at 20 GSa/s or 4 channels at 10 GSa/s.
– 4X more vertical resolution than 8-bit oscilloscopes
– ADC ENOB up to 8.7 contributes to high system ENOB values
– Up to 12 bits of resolution with high-res mode
– SNR are better than historical 8-bit ADC architectures
– Vertical scaling as low as 2 mV/div supported in hardware
The heart of the oscilloscope is a 20-layer acquisition board with 16 custom ASICs and FPGAs. New technology blocks deliver superior
signal integrity. You’ll get superior measurements that you won’t get with any other portable scope on the market.
Keysight’s new 10-bit ADC
– 65 nm CMOS (9 mm x 14 mm)
– 130 nm BiCMOS buffer IC
– Custom 33 mm BGA package
Superior low-noise front end
– 10-bit ADC’s usefulness is dependent on the low-noise front end that supports the
additional quantization levels. Each S-Series oscilloscope incorporates the industry’s
lowest noise front end for portable oscilloscopes with bandwidth up to 8 GHz
– 50 Ω and 1 MΩ input support, each path with bandwidth limit filter support
– Analog and DSP bandwidth limit filters to reduce unwanted noise
– 90 uV noise at 1 GHz bandwidth allows viewing of small signal detail
– 2 mV/div vertical scaling in hardware (in combination with ADC)
– HW bandwidth limit filters on both 50 Ω and 1 MΩ paths
– Gold-plated precision BNCs rated in excess of 8 GHz bandwidth
– Electronic attenuators for decreased noise and increased reliability
– Lower bandwidth models are upgradable to any higher bandwidth model with an
instant user-installed software license
S-Series front-end includes three new
custom ICs including a 130 nm BiiCMOS IC
that incorporates user-selectable analog
filters and bandwidth upgrades via a
software license.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com