Electronic Components Datasheet Search
  English  ▼

X  

MSOS404A Datasheet(PDF) 10 Page - Keysight Technologies

Part # MSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button MSOS404A Datasheet HTML 6Page - Keysight Technologies MSOS404A Datasheet HTML 7Page - Keysight Technologies MSOS404A Datasheet HTML 8Page - Keysight Technologies MSOS404A Datasheet HTML 9Page - Keysight Technologies MSOS404A Datasheet HTML 10Page - Keysight Technologies MSOS404A Datasheet HTML 11Page - Keysight Technologies MSOS404A Datasheet HTML 12Page - Keysight Technologies MSOS404A Datasheet HTML 13Page - Keysight Technologies MSOS404A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Oscilloscope Overview – Frequency Domain (Continued)
Wideband and multi-channel FFTs
Need to see > 500 MHz signal spectral bandwidth and/or multiple FFTs simultaneously? Oscilloscopes offer wider bandwidth than
spectrum analyzers and come standard with four ports (channels) per instrument.
Infiniium S-Series enables users to make wideband measurements up to 8 GHz and up to 16 simultaneous FFTs. Analyze even higher
bandwidth signals by combining with a down converter.
Use Infiniium capture and analysis of radar bursts, as shown in this
OFDM example.
Use Infiniium capture and analysis of radar bursts, as shown in this
OFDM example.
RF signal spectral bandwidth
Up
to 4
1
0 MHz BW
S-Series
8 GHz
PXA
160 MHz
UXA
510 MHz
90000A
Series
13 GHz
V-Series
33 GHz
Z-Series
63 GHz
160 MHz BW 500 MHz BW
8 GHz BW
13 GHz BW
33 GHz BW
... 63 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com