Electronic Components Datasheet Search
  English  ▼

X  

TPS61007 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61007 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61007 Datasheet HTML 1Page - Texas Instruments TPS61007 Datasheet HTML 2Page - Texas Instruments TPS61007 Datasheet HTML 3Page - Texas Instruments TPS61007 Datasheet HTML 4Page - Texas Instruments TPS61007 Datasheet HTML 5Page - Texas Instruments TPS61007 Datasheet HTML 6Page - Texas Instruments TPS61007 Datasheet HTML 7Page - Texas Instruments TPS61007 Datasheet HTML 8Page - Texas Instruments TPS61007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
under-voltage lockout
An under-voltage lockout function prevents the device start-up if the supply voltage on VBAT is lower than
approximately 0.7 V. This undervoltage lockout function is implemented in order to prevent the malfunctioning
of the converter. When in operation and the battery is being discharged, the device automatically enters the
shutdown mode if the voltage on VBAT drops below approximately 0.7 V.
If the EN pin is hardwired to VBAT and if the voltage at VBAT drops temporarily below the UVLO threshold voltage,
the device switches off and does not start up again automatically, even if the supply voltage rises above 0.9 V.
The device starts up again only after a signal change from low to high on EN or if the battery voltage is completely
removed.
low Battery detector circuit (LBI and LBO)
The low-battery detector circuit is typically used to supervise the battery voltage and to generate an error flag
when the battery voltage drops below a user-set threshold voltage. The function is active only when the device
is enabled. When the device is disabled, the LBO pin is high impedance. The LBO pin goes active low when
the voltage on the LBI pin decreases below the set threshold voltage of 500 mV
±15 mV, which is equal to the
internal reference voltage. The battery voltage, at which the detection circuit switches, can be programmed with
a resistive divider connected to the LBI pin. The resistive divider scales down the battery voltage to a voltage
level of 500 mV, which is then compared to the LBI threshold voltage. The LBI pin has a built-in hysteresis of
10 mV. See the application section for more details about the programming of the LBI threshold.
If the low-battery detection circuit is not used, the LBI pin should be connected to GND (or to VBAT) and the LBO
pin can be left unconnected. Do not let the LBI pin float.
low-EMI switch
The device integrates a circuit which removes the ringing that typically appears on the SW-node when the con-
verter enters the discontinuous current mode. In this case, the current through the inductor ramps to zero and
the Schottky diode stops conducting. Due to remaining energy that is stored in parasitic components of the
diode, inductor, and switch, a ringing on the SW pin is induced. The integrated antiringing switch clamps this
voltage internally to VBAT and therefore dampens this ringing.
The antiringing switch is turned on by a comparator that monitors the voltage between SW and VOUT. This
voltage indicates when the diode is reverse biased. The ringing on the SW-node is damped to a large degree,
reducing the electromagnetic interference generated by the switching regulator to a very great extent.
adjustable output voltage (TPS61000 and TPS61007 only)
The accuracy of the internal voltage reference, the controller topology, and the accuracy of the external resistor
divider determine the accuracy of the adjustable output voltage versions. The reference voltage has an
accuracy of
±4% over line, load, and temperature. The controller switches between fixed frequency and
pulse-skip mode, depending on load current. This adds an offset to the output voltage that is equivalent to 1%
of VO. Using 1% accurate resistors for the feedback divider, a total accuracy of ±6% can be achieved over the
complete temperature and output current range. The TPS61007 is an improved adjustable output voltage
version. Ground shift in the feedback loop was eliminated by adding a separate ground pin for the feedback
resistor divider (FBGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com