Electronic Components Datasheet Search
  English  ▼

X  

TPS61007 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61007 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61007 Datasheet HTML 5Page - Texas Instruments TPS61007 Datasheet HTML 6Page - Texas Instruments TPS61007 Datasheet HTML 7Page - Texas Instruments TPS61007 Datasheet HTML 8Page - Texas Instruments TPS61007 Datasheet HTML 9Page - Texas Instruments TPS61007 Datasheet HTML 10Page - Texas Instruments TPS61007 Datasheet HTML 11Page - Texas Instruments TPS61007 Datasheet HTML 12Page - Texas Instruments TPS61007 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Output Current
2, 3
η
Efficiency
vs Inductor Type
4
η
Efficiency
vs Input Voltage
5
IO
Maximum Output Current
vs Input Voltage
6
VO
Output Voltage
vs Output Current
7
VO
TPS61007 Output Voltage
vs Output Current
8
IQ
No-Load Supply Current
vs Input Voltage
9
ISD
Shutdown Current
vs Input Voltage
10
VI
Minimum Start-Up Input Voltage
vs Load Current
11
ILIM
Switch Current Limit
vs Output Voltage
12
Output Voltage Ripple Amplitude
13
Output Voltage Ripple Amplitude
14
Load Transient Response
15
Line Transient Response
16
Start-Up Timing
17
Figure 2
50
40
20
0
110
80
90
EFFICIENCY
vs
OUTPUT CURRENT
100
100
70
60
30
10
VO = 3.3 V
VO = 1.5 V
VI = 1.2 V
IO – Output Current – mA
1000
Figure 3
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
VO = 3.3 V
VO = 2.8 V
VI = 2.4 V
EFFICIENCY
vs
OUTPUT CURRENT
IO – Output Current – mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com