Electronic Components Datasheet Search
  English  ▼

X  

TPS61007 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61007 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS61007 Datasheet HTML 14Page - Texas Instruments TPS61007 Datasheet HTML 15Page - Texas Instruments TPS61007 Datasheet HTML 16Page - Texas Instruments TPS61007 Datasheet HTML 17Page - Texas Instruments TPS61007 Datasheet HTML 18Page - Texas Instruments TPS61007 Datasheet HTML 19Page - Texas Instruments TPS61007 Datasheet HTML 20Page - Texas Instruments TPS61007 Datasheet HTML 21Page - Texas Instruments TPS61007 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Resistor RC and capacitor CC2 depend on the chosen inductance. For a 33-µH inductor, the capacitance of CC2
should be chosen to 33 nF, or in other words, if the inductor is xx
µH, the chosen compensation capacitor should
be xx nF, the same number value. The value of the compensation resistor is then chosen based on the require-
ment to have a time constant of 0.3 ms for the R/C network of RC and CC2; hence for a 33-nF capacitor, a 10-kΩ
resistor should be chosen for RC.
Capacitor CC1 is depending on the ESR and capacitance value of the output capacitor, and on the value chosen
for RC. Its value is calculated using following equation:
C
C1 +
C
O
x ESR
COUT
3
R
C
(7)
For a selected output capacitor of 22
µF with an ESR of 0.2 Ω, and RC of 33 kΩ, the value of CC1 is in the range of
100 pF.
Table 3. Recommended Compensation Components
INDUCTOR
OUTPUT CAPACITOR
R
C
C
INDUCTOR
[µH]
CAPACITANCE
[µF]
ESR
[
Ω]
RC
[k
Ω]
CC1
[pF]
CC2
[nF]
33
22
0.2
10
100
33
22
22
0.3
15
100
22
10
22
0.4
33
100
10
10
10
0.1
33
100
10
schematic of TPS6100x evaluation modules (TPS6100xEVM–156)
LBO
LBI
NC/FBGND
SW
VBAT
EN
COMP
FB
GND
VOUT
R6
LP1
D1
L1
C1
C3
R2
R1
IN
J1
C6
R5
C5
R3
C2
R4
OUT
TPS6100x
Evaluation modules are available for device types TPS61000, TPS61002, TPS61003, and TPS61006.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com