Electronic Components Datasheet Search
  English  ▼

X  

TPS61007 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61007 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS61007 Datasheet HTML 10Page - Texas Instruments TPS61007 Datasheet HTML 11Page - Texas Instruments TPS61007 Datasheet HTML 12Page - Texas Instruments TPS61007 Datasheet HTML 13Page - Texas Instruments TPS61007 Datasheet HTML 14Page - Texas Instruments TPS61007 Datasheet HTML 15Page - Texas Instruments TPS61007 Datasheet HTML 16Page - Texas Instruments TPS61007 Datasheet HTML 17Page - Texas Instruments TPS61007 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The TPS6100x boost converter family is intended for systems that are powered by a single-cell NiCd or NiMH
battery with a typical terminal voltage between 0.9 V to 1.6 V. It can also be used in systems that are powered
by two-cell NiCd or NiMH batteries with a typical stack voltage between 1.8 V and 3.2 V. Additionally, single-
or dual-cell, primary and secondary alkaline battery cells can be the power source in systems where the
TPS6100x is used.
programming the TPS61000 and TPS61007 adjustable output voltage devices
The output voltage of the TPS61000 and TPS61007 can be adjusted with an external resistor divider. The typical
value of the voltage on the FB pin is 500 mV in fixed frequency operation and 485 mV in the power-save
operation mode. The maximum allowed value for the output voltage is 3.3 V. The current through the resistive
divider should be about 100 times greater than the current into the FB pin. The typical current into the FB pin
is 0.01
µA, and the voltage across R4 is typically 500 mV. Based on those two values, the recommended value
for R4 is in the range of 500 k
Ω in order to set the divider current at 1 µA. From that, the value of resistor R3,
depending on the needed output voltage VOUT, can be calculated using the following equation:
R3
+ R4
V
O
V
FB
* 1
+ 500 kΩ
V
O
500 mV
* 1
(1)
If, as an example, an output voltage of 2.5 V is needed, a 2-M
Ω resistor should be chosen for R3.
VBAT
VOUT
LBO
5
10
3
R5
R3
R4
6
TPS61007
LBI
9
FB
COMP
2
CC1
100 pF
CC2
33 nF
RC
10 k
Ω
EN
R2
R1
1
GND
SW
7
4
Ci
10
µF
10 V
CO
22
µF
10 V
Low Battery
Warning
L1
33
µH
D1
FBGND
8
VO
Alkaline Cell
Figure 18. Typical Application Circuit for Adjustable Output Voltage Option
The TPS61007 is an improved version of the TPS61000 adjustable output voltage device. The FBGND pin is
internally connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com