Electronic Components Datasheet Search
  English  ▼

X  

TPS61007 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61007 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61007 Datasheet HTML 6Page - Texas Instruments TPS61007 Datasheet HTML 7Page - Texas Instruments TPS61007 Datasheet HTML 8Page - Texas Instruments TPS61007 Datasheet HTML 9Page - Texas Instruments TPS61007 Datasheet HTML 10Page - Texas Instruments TPS61007 Datasheet HTML 11Page - Texas Instruments TPS61007 Datasheet HTML 12Page - Texas Instruments TPS61007 Datasheet HTML 13Page - Texas Instruments TPS61007 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
50
55
60
65
70
75
80
85
90
95
100
Coilcraft
DO1608C
Coilcraft
DS1608C
Coiltronics
UP1B
Coiltronics
UP2B
Sumida
CD43
Sumida
CD54
EFFICIENCY
vs
INDUCTOR TYPE
Inductor Type
VI = 1.2 V
VO = 3.3 V
IO = 100 mA
Figure 4
60
65
70
75
80
85
90
95
0.80
1.30
1.80
2.30
2.80
3.30
EFFICIENCY
vs
INPUT VOLTAGE
VI – Input Voltage – V
IO = 50 mA
IO = 100 mA
Figure 5
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1
0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
MAXIMUM OUTPUT CURRENT
vs
INPUT VOLTAGE
VI – Input Voltage – V
VO = 1.45 V
VO = 1.75 V
Figure 6
VO = 2.42 V
VO = 3.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com