Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # DA7212
Description  Ultra-low power stereo codec
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7212 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button DA7212 Datasheet HTML 45Page - Dialog Semiconductor DA7212 Datasheet HTML 46Page - Dialog Semiconductor DA7212 Datasheet HTML 47Page - Dialog Semiconductor DA7212 Datasheet HTML 48Page - Dialog Semiconductor DA7212 Datasheet HTML 49Page - Dialog Semiconductor DA7212 Datasheet HTML 50Page - Dialog Semiconductor DA7212 Datasheet HTML 51Page - Dialog Semiconductor DA7212 Datasheet HTML 52Page - Dialog Semiconductor DA7212 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
DA7212
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3c
24-Nov-2015
49 of 129
© 2015 Dialog Semiconductor
13.26.1 Normal PLL mode (DAI master)
The DA7212 contains a Phase Locked Loop (PLL) that can be used to generate the required
11.2896 MHz or 12.288 MHz internal system clock when a frequency of between 2 and 50 MHz is
applied to MCLK. This allows sharing of clocks between devices in an application, reducing total
system cost. For example, the codec may operate from common 13 MHz or 19.2 MHz system clock
frequency.
The PLL is enabled by asserting PLL_EN. Once the PLL is enabled and has achieved phase lock,
PLL bypass mode is disabled, and the output of the PLL is used as the system clock.
The PLL input divider register (PLL_INDIV) is used to reduce the PLL reference frequency to the
usable range of 2 to 50 MHz as shown in Table 35 reduces the PLL reference frequency according to
the following equation:
FREF = FMCLK ÷ (2^PLL_INDIV)
Table 35: PLL input divider
MCLK input frequency (MHz)
Input divider, (÷N)
PLL_INDIV register (0x27 [3:2])
2
– 10
÷2
00
10
– 20
÷4
01
20
– 40
÷8
10
40
– 50
÷16
11
The value of the PLL feedback divider is used to set the voltage controlled oscillator (VCO) frequency
to 8 times the required system clock frequency (see Table 34).
FVCO = FREF × PLL feedback divider
The value of the PLL feedback divider is an unsigned number in the range of 0 to 128. It consists of
seven integer bits and 13 fractional bits split across three registers:
● PLL_INTEGER holds the seven integer bits
● PLL_FRAC_TOP holds the top bits (MSB) of the fractional part of the divisor
● PLL_FRAC_BOT holds the bottom bits (LSB) of the fractional part of the divisor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com