Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA7212
Description  Ultra-low power stereo codec
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7212 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA7212 Datasheet HTML 1Page - Dialog Semiconductor DA7212 Datasheet HTML 2Page - Dialog Semiconductor DA7212 Datasheet HTML 3Page - Dialog Semiconductor DA7212 Datasheet HTML 4Page - Dialog Semiconductor DA7212 Datasheet HTML 5Page - Dialog Semiconductor DA7212 Datasheet HTML 6Page - Dialog Semiconductor DA7212 Datasheet HTML 7Page - Dialog Semiconductor DA7212 Datasheet HTML 8Page - Dialog Semiconductor DA7212 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 129 page
background image
DA7212
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3c
24-Nov-2015
4 of 129
© 2015 Dialog Semiconductor
16 Ordering information ................................................................................................................ 119
Applications information ........................................................................................... 120
Appendix A
A.1
Codec initialisation ............................................................................................................ 120
A.2
Automatic ALC calibration................................................................................................. 120
A.3
Troubleshooting ................................................................................................................ 121
Components................................................................................................................ 122
Appendix B
B.1
Audio inputs ...................................................................................................................... 122
B.2
Microphone bias ................................................................................................................ 123
B.3
Digital microphone ............................................................................................................ 123
B.4
Audio outputs .................................................................................................................... 123
B.5
Headphone charge pump ................................................................................................. 124
B.6
Digital interfaces................................................................................................................ 125
B.7
References ........................................................................................................................ 126
B.8
Supplies ............................................................................................................................ 126
B.9
Ground .............................................................................................................................. 127
B.10 Capacitor selection............................................................................................................ 127
PCB layout guidelines ............................................................................................... 128
Appendix C
C.1
Layout and schematic support .......................................................................................... 128
C.2
General recommendations................................................................................................ 128
Figures
Figure 1: The DA7212 chip.................................................................................................................... 1
Figure 2: Block diagram showing component values for a typical application ...................................... 8
Figure 3: DA7212 ball layout ................................................................................................................. 9
Figure 4: I2C bus timing ...................................................................................................................... 24
Figure 5: Digital audio interface timing diagram .................................................................................. 25
Figure 6: Audio input routing and gain ranges .................................................................................... 28
Figure 7: Typical microphone application for MIC1 (MIC2 is similar).................................................. 29
Figure 8: Digital microphone timing example ...................................................................................... 30
Figure 9: Principle of operation of the ALC ......................................................................................... 32
Figure 10: Attack, delay and hold parameters..................................................................................... 33
Figure 11: Analogue output signal paths and gain ranges .................................................................. 35
Figure 12: Input (clk) and output clocks (cp_clk and cp_clk2) at CP_FCONTROL = 010 .................. 39
Figure 13: ADC and DAC DC blocking (Cut-
off frequency setting ‘00’ to ‘11’, 16 kHz) ...................... 42
Figure 14: Wind noise high-pass filter (cut-
off frequency setting ‘000’ to ‘111’, 16 kHz) .................... 43
Figure 15: Equaliser filter band 1 frequency response at FS = 48 kHz............................................... 44
Figure 16: Equaliser filter band 2 frequency response at FS = 48 kHz............................................... 45
Figure 17: Equaliser filter band 3 frequency response at FS = 48 kHz............................................... 45
Figure 18: Equaliser filter band 4 frequency response at FS = 48 kHz............................................... 45
Figure 19: Equaliser filter band 5 frequency response at FS = 48 kHz............................................... 46
Figure 20: Schematic of the I2C control interface bus ........................................................................ 52
Figure 21 Timing of I2C START and STOP conditions ....................................................................... 53
Figure 22: I2C byte write (SDA signal) ................................................................................................ 53
Figure 23: Examples of the I2C byte read (SDA line) ......................................................................... 53
Figure 24: Examples of I2C page read (SDA line) .............................................................................. 54
Figure 25: I2C page write (SDA line)................................................................................................... 54
Figure 26: I2C repeated write (SDA line) ............................................................................................ 54
Figure 27: Master mode (DAI_CLK_EN = 1)....................................................................................... 55
Figure 28: Slave mode (DAI_CLK_EN = 0)......................................................................................... 55
Figure 29: I2S mode ............................................................................................................................ 56
Figure 30: Left justified mode .............................................................................................................. 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com