Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # DA7212
Description  Ultra-low power stereo codec
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7212 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button DA7212 Datasheet HTML 28Page - Dialog Semiconductor DA7212 Datasheet HTML 29Page - Dialog Semiconductor DA7212 Datasheet HTML 30Page - Dialog Semiconductor DA7212 Datasheet HTML 31Page - Dialog Semiconductor DA7212 Datasheet HTML 32Page - Dialog Semiconductor DA7212 Datasheet HTML 33Page - Dialog Semiconductor DA7212 Datasheet HTML 34Page - Dialog Semiconductor DA7212 Datasheet HTML 35Page - Dialog Semiconductor DA7212 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
DA7212
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3c
24-Nov-2015
32 of 129
© 2015 Dialog Semiconductor
13.8 Automatic level control (ALC)
For improved sound recordings of signals with a large volume range, the DA7212 offers a fully-
configurable automatic recording level control (ALC) for microphone inputs. This is enabled via the
ALC_L_EN and ALC_R_EN controls, and can be enabled independently on either left or right
channel. It is recommended that the ALC is only enabled in stereo as this applies the same gain to
both channels and so protects the pan of stereo signals.
The ALC monitors the digital signal after the ADC and adjusts the microphones’ analogue and digital
gain to maintain a constant recording level, whatever the analogue input signal level.
Operation of ALC is illustrated in Figure 9. When the input signal volume is high, the ALC system will
reduce the overall gain until the output volume is below the specified maximum value. When the
input signal volume is low, the ALC will increase the gain until the output volume increases above the
specified minimum value. If the output signal is within the desired signal level (between the specified
minimum and maximum levels), the ALC does nothing.
The maximum and the minimum thresholds that trigger a gain change of the ALC are programmed
by the ALC_THRESHOLD_MAX and ALC_THRESHOLD_MIN controls.
ALC Input
ALC Gain
ALC Output
Release time
Attack time
Figure 9: Principle of operation of the ALC
The total gain is made up of an analogue gain, which is applied to the microphone PGAs, and a
digital gain, which is implemented in the filtering stage. The ALC block monitors and controls the gain
of the microphone PGAs and the ADC. Note that although the ALC is controlling the gain, it does not
modify any of the registers MIC_1_AMP_GAIN, MIC_2_AMP_GAIN, ADC_L_DIGITAL_GAIN and
ADC_R_DIGITAL_GAIN. These registers are ignored while the ALC is in operation.
The minimum and maximum levels of digital gain that can be applied by the ALC are controlled using
ALC_ATTEN_MAX and ALC_GAIN_MAX.
Similarly the minimum and maximum levels of analogue gain are controlled by ALC_ANA_GAIN_MIN
and ALC_ANA_GAIN_MAX. The rates at which the gain is changed are defined by the attack and
decay rates in register ALC_CTRL2. When attacking, the gain decreases with ALC_ATTACK rate.
When decaying, the gain increases with ALC_RELEASE rate.
The hold-time is defined by ALC_HOLD in the ALC_CTRL3 register. This controls the length of time
that the system maintains the current gain level before starting to decay. This prevents unwanted
changes in the recording level when there is a short-
lived ‘spike’ in input volume, for example when
recording speech.
Typically the attack rate should be much faster than the decay rate, as it is necessary to reduce
rapidly increasing waveforms as quickly as possible, whereas fast release times will result in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com