Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # DA7212
Description  Ultra-low power stereo codec
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7212 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button DA7212 Datasheet HTML 25Page - Dialog Semiconductor DA7212 Datasheet HTML 26Page - Dialog Semiconductor DA7212 Datasheet HTML 27Page - Dialog Semiconductor DA7212 Datasheet HTML 28Page - Dialog Semiconductor DA7212 Datasheet HTML 29Page - Dialog Semiconductor DA7212 Datasheet HTML 30Page - Dialog Semiconductor DA7212 Datasheet HTML 31Page - Dialog Semiconductor DA7212 Datasheet HTML 32Page - Dialog Semiconductor DA7212 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 129 page
background image
DA7212
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3c
24-Nov-2015
29 of 129
© 2015 Dialog Semiconductor
13.3 Microphone inputs
The DA7212 includes two pairs of analogue microphone inputs that can be connected in three ways:
● fully differential mode for improved common mode noise rejection
● single ended or pseudo-differential mode by connecting MIC1_N or MIC2_N to GND
(see Figure 7). The microphone source is specified using MIC_1_AMP_IN_SEL and
MIC_2_AMP_IN_SEL
● single ended or pseudo-differential mode by connecting MIC1_P or MIC2_P to GND
(see Figure 7). The microphone source is specified using MIC_1_AMP_IN_SEL and
MIC_2_AMP_IN_SEL
The microphone PGAs are enabled by the MIC_1_AMP_EN / MIC_2_AMP_EN controls and can be
muted via MIC_1_AMP_MUTE_EN / MIC_2_AMP_MUTE_EN. For maximum flexibility, each
microphone channel includes an individual gain setting (MIC_1_AMP_GAIN / MIC_2_AMP_GAIN
controls) that has a range of -6 dB to +36 dB in 6 dB steps. The currently active gain setting of each
microphone is stored in MIC_1_GAIN_STATUS and MIC_2_GAIN_STATUS.
A maximum analogue gain from microphone to ADC input of +54 dB with a resolution of 1.5 dB can
be selected.
MICBIAS2
MIC1_N
(c) Single-ended
MICBIAS1
MIC1_P
(c) Single-ended
MICBIAS1
MIC1_P
MIC1_N
(b) Pseudo-differential
MICBIAS1
MIC1_P
MIC1_N
(a) Differential
Figure 7: Typical microphone application for MIC1 (MIC2 is similar)
Standard electret microphones can be supplied from an embedded microphone bias regulator,
enabled using the MICBIAS2_EN control bit. Two separate outputs are available on either the
MICBIAS1 pin or the MICBIAS2 pin. These are enabled using the MICBIAS2_EN and MICBIAS1_EN
controls. The voltage on the MICBIAS pins is set to 1.6 V, 2.2 V, 2.5 V or 3.0 V by the
MICBIAS2_LEVEL and MICBIAS1_LEVEL controls. The microphone bias generates an ultra-
low-noise voltage to feed several electret microphones with up to 2 mA.
13.4 Digital microphones
DA7212 implements a digital microphone interface via a clock output (shared pin with MIC1_P) and a
serial data input (shared pin with MIC1_N). The serial data is a sigma delta sampled bitstream.
Modulators up to 3rd Order are supported.
MICBIAS1 can be used to power the digital microphone, but it must be enabled because it is
MICBIAS1 that supplies the digital microphone pins.
The clock and data pins are shared with two analogue microphone inputs. This allows DA7212 to
record from single or dual channel digital microphones, or from conventional mono/stereo analogue
microphones.
The clock frequency can be selected to be either 1.5 MHz or 3 MHz by using DMIC_CLK_RATE
control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com