Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA7212
Description  Ultra-low power stereo codec
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7212 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA7212 Datasheet HTML 12Page - Dialog Semiconductor DA7212 Datasheet HTML 13Page - Dialog Semiconductor DA7212 Datasheet HTML 14Page - Dialog Semiconductor DA7212 Datasheet HTML 15Page - Dialog Semiconductor DA7212 Datasheet HTML 16Page - Dialog Semiconductor DA7212 Datasheet HTML 17Page - Dialog Semiconductor DA7212 Datasheet HTML 18Page - Dialog Semiconductor DA7212 Datasheet HTML 19Page - Dialog Semiconductor DA7212 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 129 page
background image
DA7212
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3c
24-Nov-2015
16 of 129
© 2015 Dialog Semiconductor
8
Digital signal processing
Table 10: ADC/DAC digital high-pass filter cut-off frequencies in music mode
Sampling
frequency (kHz)
Music mode
– cut-off frequency (-3 dB) in Hz at
ADC_AUDIO_HPF_CORNER / DAC_AUDIO_HPF_CORNER register settings
00
01
10
11
8
0.3
0.7
1.3
2.7
11.025
0.4
0.9
1.8
3.7
12
0.5
1
2
4
16
0.7
1.3
2.7
5.3
24
1
2
4
8
32
1.3
2.7
5.3
10.7
44.1
1.8
3.7
7.3
14.7
48
2
4
8
16
88.2
3.6
7.4
14.6
29.4
96
4
8
16
32
Table 11: ADC/DAC Digital high-pass filter cut-off frequencies in voice mode
Sampling
frequency (kHz)
Voice mode
– cut-off frequency (-3 dB) in Hz at
ADC_AUDIO_HPF_CORNER / DAC_AUDIO_HPF_CORNER register settings
000
001
010
011
100
101
110
111
8
2.66
25
50
100
150
200
300
400
11.025
3.5
35
69
138
207
275
415
553
12
4
37.5
75
150
225
300
450
600
16
5
50
100
200
300
400
600
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com