Electronic Components Datasheet Search
  English  ▼

X  

CLC5903 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 18Page - National Semiconductor (TI) CLC5903 Datasheet HTML 19Page - National Semiconductor (TI) CLC5903 Datasheet HTML 20Page - National Semiconductor (TI) CLC5903 Datasheet HTML 21Page - National Semiconductor (TI) CLC5903 Datasheet HTML 22Page - National Semiconductor (TI) CLC5903 Datasheet HTML 23Page - National Semiconductor (TI) CLC5903 Datasheet HTML 24Page - National Semiconductor (TI) CLC5903 Datasheet HTML 25Page - National Semiconductor (TI) CLC5903 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.national.com
22
AGC_IC_B
1B
R/W
0
24
7:0
AGC fixed gain for channel B. Format is an 8-bit, unsigned magnitude number. The channel
B DVGA gain will be set to the inverted three MSBs.
AGC_RB_A
1B
R
0
25
7:0
AGC integrator readback value for channel A. Format is an 8-bit, unsigned magnitude num-
ber. The user can read the magnitude MSBs of the channel A integrator from this register.
AGC_RB_B
1B
R
0
26
7:0
AGC integrator readback value for channel B. Format is an 8-bit, unsigned magnitude num-
ber. The user can read the magnitude MSBs of the channel B integrator from this register.
TEST_REG
14b
R/W
0
27(LSBs)
28(MSBs)
7:0
5:0
Test input source. Instead of processing values from the A|BIN pins, the value from this
location is used instead. Format is 14-bit 2s complement number spread across 2 regis-
ters.
Reserved
1B
-
-
29
7:0
For future use.
Reserved
1B
-
-
30
7:0
For future use.
DEBUG_EN
1b
R/W
0
31
0
0=Normal. 1=Enables access to the internal probe points.
DEBUG_TAP
5b
R/W
0
31
5:1
Selects internal node tap for debug.
0 selects F1 output for BI, 20 bits
1 selects F1 output for BQ, 20 bits
2 selects F1 output for AQ, 20 bits
3 selects F1 output for AI, 20 bits
4 selects F1 input for BI, 20 bits
5 selects F1 input for BQ, 20 bits
6 selects F1 input for AI, 20 bits
7 selects F1 input for AQ, 20 bits
8 selects NCO A, cosine output. 17 bits, 3 LSBs are 0.
9 selects NCO A, sine output, 17 bits, 3 LSBs are 0.
10 selects NCO B, cosine output, 17 bits, 3 LSBs are 0.
11 selects NCO B, sine output, 17 bits, 3 LSBs are 0.
12 selects NCO AI, rounded output, 15 bits, 5 LSBs are 0.
13 selects NCO AQ, rounded output, 15 bits, 5 LSBs are 0.
14 selects NCO BI, rounded output, 15 bits, 5 LSBs are 0.
15 selects NCO BQ, rounded output, 15 bits, 5 LSBs are 0.
16-31 selects AGC CIC filter output. 9 MSBs from ch A, next 9 bits from ch B, 2 LSBs are 0.
DITH_A
1b
R/W
1
31
6
0=Disable NCO dither source for channel A. 1=Enable.
DITH_B
1b
R/W
1
31
7
0=Disable NCO dither source for channel B. 1=Enable.
AGC_TABLE
32B
R/W
0
128-159
7:0
RAM space that defines key AGC loop parameters. Format is 32 separate 8-bit, 2’s com-
plement numbers. This is common to both channels.
F1_COEFF
22B
R/W
0
160-181
7:0
Coefficients for F1. Format is 11 separate 16-bit, 2’s complement numbers, each one
spread across 2 registers. The LSBs are in the lower registers. For example, coefficient
h0[7:0] is in address 160, h0[15:8] is in address 161, h1[7:0] is in address 162, h1[15:8] is
in address 163. PAGE_SEL_F1=1 maps these addresses to coefficient memory B.
F2_COEFF
64B
R/W
0
182-245
7:0
Coefficients for F2. Format is 32 separate 16-bit, 2’s complement numbers, each one
spread across 2 registers. The LSBs are in the lower registers. For example, coefficient
h0[7:0] is in address 182, h0[15:8] is in address 183, h1[7:0] is in address 184, h1[15:8] is
in address 185. PAGE_SEL_F2=1 maps these addresses to coefficient memory B.
COEF_SEL_F1A
1b
R/W
0
246
0
Channel A F1 coefficient select register. 0=memory A, 1=memory B.
COEF_SEL_F1B
1b
R/W
0
246
1
Channel B F1 coefficient select register. 0=memory A, 1=memory B.
PAGE_SEL_F1
1b
R/W
0
246
2
F1 coefficient page select register. 0=memory A, 1=memory B.
COEF_SEL_F2A
1b
R/W
0
247
0
Channel A F2 coefficient select register. 0=memory A, 1=memory B.
COEF_SEL_F2B
1b
R/W
0
247
1
Channel B F2 coefficient select register. 0=memory A, 1=memory B.
PAGE_SEL_F2
1b
R/W
0
247
2
F2 coefficient page select register. 0=memory A, 1=memory B.
SFS_MODE
1b
R/W
0
248
0
0=SFS asserted at the start of each output word when PACKED=1 or each I/Q pair when
PACKED=0, 1=SFS asserted at the start of each output sample period.
SDC_EN
1b
R/W
0
248
1
0=normal serial mode, 1=serial daisy-chain master mode.
AGC_COMB_ORD
2b
R/W
0
249
1:0
Enable reduced bandwidth AGC power detector. 0=2nd-order decimate-by-eight CIC,
1=1-tap comb added to CIC, 2=4-tap comb added to CIC.
EXT_DELAY
5b
R/W
0
249
6:2
Number of CK period delays in excess of 4 needed to align the DVGA gain step with the
digital gain compensation step. Use the default of zero for the CLC5957 ADC.
a. These are the default values set by a master reset (MR). Sync in (SI) will not affect any of these values.
Condensed CLC5903 Address Map
Register Name
Addr
Addr
Hex
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DEC
0
0x00
Dec7
Dec6
Dec5
Dec4
Dec3
Dec2
Dec1
Dec0
Control Register Addresses and Defaults (Continued)
Register Name
Width
Type
Defaulta
Addr
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com