Electronic Components Datasheet Search
  English  ▼

X  

CLC5903 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 11Page - National Semiconductor (TI) CLC5903 Datasheet HTML 12Page - National Semiconductor (TI) CLC5903 Datasheet HTML 13Page - National Semiconductor (TI) CLC5903 Datasheet HTML 14Page - National Semiconductor (TI) CLC5903 Datasheet HTML 15Page - National Semiconductor (TI) CLC5903 Datasheet HTML 16Page - National Semiconductor (TI) CLC5903 Datasheet HTML 17Page - National Semiconductor (TI) CLC5903 Datasheet HTML 18Page - National Semiconductor (TI) CLC5903 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
www.national.com
mum headroom through the CIC filter. For optimal noise per-
formance the SCALE value is set to increase this level until
the CIC filter is just below the point of distortion. A value is
nor mally calculated and loaded for SCALE such that
. The actual gain of the CIC
filter will only be unity for power-of-two decimation values. In
other cases the gain will be somewhat less than unity.
Channel Gain
The gain of each channel can be boosted up to 42 dB by
shifting the output of the CIC filter up by 0 to 7 bits prior to
rounding it to 21 bits. For channel A, the gain of this stage is:
, where GAIN_A ranges from 0 to 7. Over-
flow due to the GAIN circuit is saturated (clipped) at plus or
minus full scale. Each channel can be given its own GAIN
setting.
First Programmable FIR Filter (F1)
The CIC/GAIN outputs are followed by two stages of filtering.
The first stage is a 21 tap decimate-by-2 symmetric FIR filter
with programmable coefficients. Typically, this filter compen-
sates for a slight droop induced by the CIC filter while remov-
ing undesired alias images above Nyquist. In addition, it
often provides stopband assistance to F2 when deep stop
bands are required. The filter coefficients are 16-bit 2’s com-
plement numbers. Unity gain will be achieved through the fil-
ter if the sum of the 21 coefficients is equal to 216. If the sum
is not 216, then F1 will introduce a gain equal to (sum of coef-
ficients)/216. The 21 coefficients are identified as coefficients
where
is the center tap. The
coefficients are symmetric, so only the first 11 are loaded
into the chip.
Two example sets of coefficients are provided here. The first
set of coefficients, referred to as the standard set (STD),
compensates for the droop of the CIC filter providing a pass-
band which is flat (0.01 dB ripple) over 95% of the final out-
put bandwidth with 70dB of out-of-band rejection (see Figure
21). The filter has a gain of 0.999 and is symmetric with the
following 11 unique taps (1|21, 2|20, ..., 10|12, 11):
29, -85, -308, -56, 1068, 1405, -2056, -6009,
1303, 21121, 32703
The second set of coefficients (GSM set) are intended for
applications that need deeper stop bands or need oversam-
pled outputs. These requirements are common in cellular
systems where out of band rejection requirements can
exceed 100dB (see Figure 22). They are useful for wideband
radio architectures where the channelization is done after the
ADC. These filter coefficients introduce a gain of 0.984 and
are:
-49, -340, -1008, -1617, -1269, 425, 3027, 6030,
9115, 11620, 12606
Second Programmable FIR Filter (F2)
The second stage decimate by two or four filter also uses
externally downloaded filter coefficients. F2 determines the
final channel filter response. The filter coefficients are 16-bit
2’s complement numbers. Unity gain will be achieved through
the filter if the sum of the 63 coefficients is equal to 216. If the
sum is not 216, then the F2 will introduce a gain equal to
(sum of coefficients)/216.
The 63 coefficients are identified as
where
is the center tap. The coefficients are sym-
metric, so only the first 32 are loaded into the chip.
An example filter (STD F2 coefficients, see Figure 23) with
80dB out-of-band rejection, gain of 1.00, and 0.03 dB peak to
peak passband ripple is created by this set of 32 unique
coefficients:
-14, -20, 19, 73, 43, -70, -82, 84, 171, -49, -269,
-34, 374, 192, -449,
-430, 460,751, -357, -1144, 81, 1581, 443, -2026,
-1337, 2437, 2886,
-2770, -6127, 2987, 20544, 29647
A second set of F2 coefficients (GSM set, see Figure 24)
suitable for meeting the stringent wideband GSM require-
ments with a gain of 0.999 are:
-536, -986, 42, 962, 869, 225, 141, 93, -280,
-708, -774, -579, -384,
-79, 536, 1056, 1152, 1067, 789, 32, -935, -1668,
-2104, -2137, -1444,
71, 2130, 4450, 6884, 9053, 10413, 10832
The filter coefficients of both filters can be used to tailor the
spectral response to the user’s needs. For example, the first
can be loaded with the standard set to provide a flat
GAIN
SHIFTUP GAI NCIC
⋅
1
≤
GAIN
2
GAIN_A
=
h
1 n
() n
,0
… 20
,,
=
h
1 10
()
Figure 21. F1 STD frequency response
0
0.1
0.2
0.3
0.4
0.5
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Frequency Response of F1 Using STD Set
Frequency Normalized To Filter Input Sample Rate
Figure 22. F1 GSM frequency response
0
0.1
0.2
0.3
0.4
0.5
−120
−100
−80
−60
−40
−20
0
Frequency Response of F1 Using GSM Set
Frequency Normalized To Filter Input Sample Rate
h
2 n
()
n
0
… 62
,
,
=
,
h
2 31
()
Detailed Description (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com