Electronic Components Datasheet Search
  English  ▼

X  

CLC5903 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 19Page - National Semiconductor (TI) CLC5903 Datasheet HTML 20Page - National Semiconductor (TI) CLC5903 Datasheet HTML 21Page - National Semiconductor (TI) CLC5903 Datasheet HTML 22Page - National Semiconductor (TI) CLC5903 Datasheet HTML 23Page - National Semiconductor (TI) CLC5903 Datasheet HTML 24Page - National Semiconductor (TI) CLC5903 Datasheet HTML 25Page - National Semiconductor (TI) CLC5903 Datasheet HTML 26Page - National Semiconductor (TI) CLC5903 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
www.national.com
DEC_BY_4
1
0x01
DecBy4
Dec10
Dec9
Dec8
SCALE
2
0x02
Sc5
Sc4
Sc3
Sc2
Sc1
Sc0
GAIN_A
3
0x03
GA2
GA1
GA0
GAIN_B
4
0x04
GB2
GB1
GB0
RATE
5
0x05
Rate7
Rate6
Rate5
Rate4
Rate3
Rate2
Rate1
Rate0
SERIAL_CTRL
6
0x06
FMT1
FMT0
Packed
MuxMode
RDY_POL
SFS_POL
SCK_POL
SOUT_EN
FREQ_A
7
0x07
FA7
FA6
FA5
FA4
FA3
FA2
FA1
FA0
8
0x08
FA15
FA14
FA13
FA12
FA11
FA10
FA9
FA8
9
0x09
FA23
FA22
FA21
FA20
FA19
FA18
FA17
FA16
10
0x0A
FA31
FA30
FA29
FA28
FA27
FA26
FA25
FA24
PHASE_A
11
0x0B
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
12
0x0C
PA15
PA14
PA13
PA12
PA11
PA10
PA9
PA8
FREQ_B
13
0x0D
FB7
FB6
FB5
FB4
FB3
FB2
FB1
FB0
14
0x0E
FB15
FB14
FB13
FB12
FB11
FB10
FB9
FB8
15
0x0F
FB23
FB22
FB21
FB20
FB19
FB18
FB17
FB16
16
0x10
FB31
FB30
FB29
FB28
FB27
FB26
FB25
FB24
PHASE_B
17
0x11
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
18
0x12
PB15
PB14
PB13
PB12
PB11
PB10
PB9
PB8
SOURCE
19
0x13
BS1
BS0
AS1
AS0
AGC_CTRL
20
0x14
AgcLG1
AgcLG0
AgcHldIC
Reserved
Reserved
ExpInh
AGC_COUNT
21
0x15
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
22
0x16
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
AGC_IC_A
23
0x17
AgcIcA7
AgcIcA6
AgcIcA5
AgcIcA4
AgcIcA3
AgcIcA2
AgcIcA1
AgcIcA0
AGC_IC_B
24
0x18
AgcIcB7
AgcIcB6
AgcIcB5
AgcIcB4
AgcIcB3
AgcIcB2
AgcIcB1
AgcIcB0
AGC_RB_A
25
0x19
AgcRbA7
AgcRbA6
AgcRbA5
AgcRbA4
AgcRbA3
AgcRbA2
AgcRbA1
AgcRbA0
AGC_RB_A
26
0x1A
AgcRbB7
AgcRbB6
AgcRbB5
AgcRbB4
AgcRbB3
AgcRbB2
AgcRbB1
AgcRbB0
TEST_REG
27
0x1B
Test7
Test6
Test5
Test4
Test3
Test2
Test1
Test0
28
0x1C
Test13
Test12
Test11
Test10
Test9
Test8
DEBUG
31
0x1F
DITH_B
DITH_A
TapSel4
TapSel3
TapSel2
TapSel1
TapSel0
DebugEnable
AGC_TABLE
128
0x80
The AGC Table loads from the low address to the high address in this order:
159
0x9F
“1st location, 2nd location…”
F1_COEFF
160
0xA0
181
0xB5
The FIR Coefficients load from the low address to the high address in this order:
F2_COEFF
182
0xB6
“1st location low byte, 1st location high byte, 2nd location…”
245
0xF5
The Page Select bits determine which set of coefficient memory is written.
F1_CTRL
246
0xF6
PgSelF1
CfSelF1B
CfSelF1A
F2_CTRL
247
0xF7
PgSelF2
CfSelF2B
CfSelF2A
SERIAL_CTRL2
248
0xF8
SdcEn
SfsMode
AGC_CTRL2
249
0xF9
ExtDelay4
ExtDelay3
ExtDelay2
ExtDelay1
ExtDelay0
CombOrd1
CombOrd0
Condensed CLC5903 Address Map (Continued)
Register Name
Addr
Addr
Hex
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com