Electronic Components Datasheet Search
  English  ▼

X  

CLC5903 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 12Page - National Semiconductor (TI) CLC5903 Datasheet HTML 13Page - National Semiconductor (TI) CLC5903 Datasheet HTML 14Page - National Semiconductor (TI) CLC5903 Datasheet HTML 15Page - National Semiconductor (TI) CLC5903 Datasheet HTML 16Page - National Semiconductor (TI) CLC5903 Datasheet HTML 17Page - National Semiconductor (TI) CLC5903 Datasheet HTML 18Page - National Semiconductor (TI) CLC5903 Datasheet HTML 19Page - National Semiconductor (TI) CLC5903 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.national.com
16
response through to the second filter. The latter can then be
programmed as a Nyquist (typically a root-raised-cosine) fil-
ter for matched filtering of digital data.
The complete channel filter response for standard coeffi-
cients is shown in Figure 25. Passband flatness is shown in
Figure 26. The complete filter response for GSM coefficients
is shown in Figure 27. GSM Passband flatness is shown in
Figure 28.
The mask shown in Figure 27 is derived from the ETSI GSM
5.05 specifications for a normal Basestation Transceiver
(BTS). For interferers, 9dB was added to the carrier to inter-
ference (C/I) ratios. For blockers, 9dB was added to the dif-
ference between the blocker level and 3dB above the
reference sensitivity level.
Channel Bandwidth vs. Sample Rate
When the CLC5903 is used for GSM systems, a bandwidth
of about 200kHz is desired. With a sample rate of 52MHz,
the total decimation of 192 provides the desired 270.833kHz
output sample rate. This output sample rate in combination
with the FIR filter coefficients create the desired channel
bandwidth. If the sample rate is increased to 65MHz, the
decimation must also be increased to 65MHz/270.833kHz or
240. This new decimation rate will maintain the same output
bandwidth. At 78MHz, the decimation must increase again to
78MHz/270.833kHz or 288. The output bandwidth may only
be changed in relation to the output sample rate by creating
a new set of FIR filter coefficients. As the filter bandwidth
Figure 23. F2 STD frequency response
0
0.1
0.2
0.3
0.4
0.5
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Frequency Response of F2 Using STD Set
Frequency Normalized To Filter Input Sample Rate
Figure 24. F2 GSM frequency response
0
0.1
0.2
0.3
0.4
0.5
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
5
Frequency Response of F2 Using GSM Set
Frequency Normalized To Filter Input Sample Rate
Figure 25. CIC, F1, & F2 STD frequency response
0
500
1000
1500
2000
2500
3000
−150
−100
−50
0
Combined Frequency Response of CIC/F1/F2 Using STD Set
Frequency (KHz)
FCK = 52MHz
Decimation = 192
OFS = 270.83kHz
Figure 26. CIC, F1, & F2 STD Passband Flatness
0
50
100
150
200
250
−0.1
−0.08
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.1
Combined Frequency Response of CIC/F1/F2 Using STD Set
Frequency (KHz)
Figure 27. CIC, F1, & F2 GSM frequency response
0
500
1000
1500
2000
2500
3000
−100
−80
−60
−40
−20
0
Combined Frequency Response of CIC/F1/F2 Using GSM Set
Frequency (KHz)
FCK = 52MHz
Decimation = 192
OFS = 270.83kHz
Detailed Description (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com