Electronic Components Datasheet Search
  English  ▼

X  

CLC5903 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 20Page - National Semiconductor (TI) CLC5903 Datasheet HTML 21Page - National Semiconductor (TI) CLC5903 Datasheet HTML 22Page - National Semiconductor (TI) CLC5903 Datasheet HTML 23Page - National Semiconductor (TI) CLC5903 Datasheet HTML 24Page - National Semiconductor (TI) CLC5903 Datasheet HTML 25Page - National Semiconductor (TI) CLC5903 Datasheet HTML 26Page - National Semiconductor (TI) CLC5903 Datasheet HTML 27Page - National Semiconductor (TI) CLC5903 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.national.com
24
AGC Theory of Operation
A block diagram of the AGC is shown in Figure 34. The
DVGA interface comprises four pins for each of the channels.
The first three pins of this interface are a 3-bit binary word
that controls the DVGA gain in 6dB steps (AGAIN). The final
pin is ASTROBE which allows the AGAIN bits to be latched
into the DVGA’s register. A key feature of the ASTROBE,
illustrated Figure 35, is that it toggles only if the data on
AGAIN has changed from the previous cycle. Not shown is
that ASTROBE and BSTROBE are independent. For exam-
ple, ASTROBE only toggles when AGAIN has changed.
BSTROBE will not toggle because AGAIN has changed.
This is done to minimize unnecessary digital noise on the
sensitive analog path through the DVGA. ASTROBE and
BSTROBE are asserted during MR and SI to properly initial-
ize the DVGAs.
The absolute value circuit and the 2-stage, decimate-by-8
CIC filter comprise the power detection part of the AGC. The
power detector bandwidth is set by the CIC filter to FCK/8.
The absolute value circuit doubles the effective input fre-
quency. This has the effect of reducing the power detector
bandwidth from FCK/8 to FCK/16.
For a full-scale sinusoidal input, the absolute value circuit
output is a dc value of
. Because the absolute
value circuit also generates undesired even harmonic terms,
the CIC filter (response shown in Figure 36), is required to,
remove these harmonics. The first response null occurs at
FCK/8, where FCK is the clock frequency, and the response
magnitude is at least 25dB below the dc value from FCK/10 to
9FCK/10. Because the 2
nd harmonic from the absolute value
circuit is about 10dB below the dc this means that the ripple
in the detected level is about 0.7dB or less for input frequen-
ci es bet w e e n F CK / 20 t o 1 9 F CK / 20. Set t i ng t h e
AGC_COMB_ORD register to either 1 or 2 will narrow the
power detector’s bandwidth as shown in Figure 36.
The “FIXED TO FLOAT CONVERTER” takes the fixed point
9-bit output from the CIC filter and converts it to a “floating
point” number. This conversion is done so that the 32 values
in the RAM can be uniformly assigned (dB scale) to detected
power levels (54 dB range). This provides a resolution of
1.7dB between detected power levels. The truth table for this
converter is given in Table 3. The upper three bits of the out-
put represent the exponent (e) and the lower 2 are the man-
tissa (m). The exponent is determined by the position of the
AGC_LOOP_GAIN
10
16
5
8
12
12
AGC_HOLD_IC
-REF
LOG
FUNCTION PROGRAMMED
INTO RAM
AGC_IC_A
3
AIN[13:4]
9
AGC_TABLE
AGAIN
Figure 34. CLC5903 AGC circuit, Channel A
EXP
(from MUXA)
9
POUT
Figure 35. Timing diagram for AGC/DVGA interface, Channel A. Refer to Figure 9 for detailed timing information.
ASTROBE
AGAIN[2:0]
CK
CK/8
ASTROBE does not pulse because AGAIN[2:0] does not change
511
2
π
⁄
()
⋅
Figure 36. Power detector filter response, 52MHz
0
5
10
15
20
25
30
35
40
45
50
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
Frequency/MHz
AGC Power Detection Filter: Amplitude Response
CIC
CIC + 1−tap Comb
CIC + 4−tap Comb
AGC_COMB_ORD=2
AGC_COMB_ORD=0
AGC_COMB_ORD=1
AGC Theory of Operation (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com