Electronic Components Datasheet Search
  English  ▼

X  

CS5376A Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 55Page - Cirrus Logic CS5376A Datasheet HTML 56Page - Cirrus Logic CS5376A Datasheet HTML 57Page - Cirrus Logic CS5376A Datasheet HTML 58Page - Cirrus Logic CS5376A Datasheet HTML 59Page - Cirrus Logic CS5376A Datasheet HTML 60Page - Cirrus Logic CS5376A Datasheet HTML 61Page - Cirrus Logic CS5376A Datasheet HTML 62Page - Cirrus Logic CS5376A Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 107 page
background image
CS5376A
59
15. GAIN AND OFFSET CORRECTION
The CS5376A digital filter can apply independent
gain and offset corrections to the data of each mea-
surement channel. Also, an offset calibration algo-
rithm can automatically calculate offset correction
values for each channel.
Gain correction values are written to the GAINx
registers (0x21-0x24), while offset correction val-
ues are written to the OFFSETx registers (0x25-
0x28). Gain and offset corrections are enabled by
the USEGR and USEOR bits in the FILTCFG reg-
ister (0x20).
When enabled, the offset calibration algorithm will
automatically calculate offset correction values for
each channel and write them into the OFFSETx
registers. Offset calibration is enabled by writing
the EXP and ORCAL bits in FILTCFG.
15.1 Gain Correction
Gain correction in the CS5376A normalizes sensor
gains in multi-sensor networks. It requires exter-
nally calculated correction values to be written into
the GAINx registers (0x21-0x24).
Gain correction values are 24-bit two’s comple-
ment with unity gain defined as full scale,
0x7FFFFF. Gain correction always scales to a frac-
tional value, and can never gain the digital filter
data greater than one.
Output Value = Data * (GAIN / 0x7FFFFF)
Unity Gain: GAIN = 0x7FFFFF
50% Gain: GAIN = 0x3FFFFF
Zero Gain: GAIN = 0x000000
Once the GAIN registers are written, the USEGR
bit in the FILTCFG register enables gain correc-
tion.
15.2 Offset Correction
Offset correction in the CS5376A cancels the DC
bias of a measurement channel by subtracting the
Figure 32. Gain and Offset Correction
FIR
IIR
Filters
Filter
Output to High Speed Serial Data Port (SD Port)
Offset
Correction
Output Rate 4000 SPS ~ 1 SPS
SINC
Filter
MDI Input
512 kHz
Correction
Gain
Offset
Calibration
4
4
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com