Electronic Components Datasheet Search
  English  ▼

X  

CS5376A Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 62Page - Cirrus Logic CS5376A Datasheet HTML 63Page - Cirrus Logic CS5376A Datasheet HTML 64Page - Cirrus Logic CS5376A Datasheet HTML 65Page - Cirrus Logic CS5376A Datasheet HTML 66Page - Cirrus Logic CS5376A Datasheet HTML 67Page - Cirrus Logic CS5376A Datasheet HTML 68Page - Cirrus Logic CS5376A Datasheet HTML 69Page - Cirrus Logic CS5376A Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
CS5376A
66
Custom TBS Data
If a required test frequency cannot be generated us-
ing the on-chip test bit stream data, a custom data
set can be written into the CS5376A. The number
of data points to write, up to a maximum of 1024,
depends on the required test signal frequency, out-
put rate, and available interpolation factors. Cus-
tom data sets must be continuous on the ends; i.e.
when copied end-to-end the data set must produce
a smooth curve.
17.5 TBS Sine Wave Output
When the TMODE bit in the TBSCFG register is
low, the TBS generator operates in sine wave
mode. In this mode, sine wave data from digital fil-
ter memory is used to create a sine wave test signal
that can drive a test DAC. Sine wave frequency and
output data rate are calculated as shown by the
characteristic equation of Table 16.
The sine wave maximum
∆Σ one’s density output
from the TBS generator is set by the TBSGAIN
register. TBSGAIN can be programmed up to a
maximum of 0x04FFFF, with the TBS generator
unstable for higher amplitudes. For the CS4373 test
DAC, a gain value of 0x04B000 produces an ap-
proximately full scale sine wave output (5 Vpp dif-
ferential).
17.6 TBS Impulse Output
If the TMODE bit in TBSCFG is set high, the TBS
generator operates in impulse mode. In this mode,
the value in TBSGAIN sets the amplitude of the
generated impulse. Impulse amplitude and period
are calculated as shown in Table 17.
To create an impulse from the TBS generator, the
TBSGAIN register should be set to maximum,
0x04FFFF, and the INTP bits in TBSCFG should
also be set to maximum, 0xFF. The RATE bits
should be set to produce data at the correct rate for
the selected test DAC.
A rising edge on the TIMEB pin triggers the im-
pulse output. When impulse mode is enabled but no
TIMEB input is received, the TBS generator uses a
negated TBSGAIN register as a repetitive input
value. When a rising edge is recognized on the
TIMEB pin, a single positive TBSGAIN value is
written to the TBS generator to create the impulse.
17.7 TBS Loopback Testing
Included as part of the CS5376A test bit stream
generator is a feedback path to the digital filter
MDATA inputs. This loopback mode provides a
fully digital signal path to test the TBS generator,
digital filter, and data collection interface. Digital
Test Bit Stream Impulse Characteristics:
Interpolation
Selection
(INTP)
Output Rate
Selection
(RATE)
Pulse Width
from CS4373
Gain Scale
Factor
(TBSGAIN)
Pulse Height
from CS4373
0xFF
0x5
500
µs
0x04B000
860 mV
0xFF
0x4
1 ms
0x04B000
820 mV
0xFF
0x3
2 ms
0x04B000
820 mV
0x7F
0x5
250
µs
0x04B000
820 mV
0x7F
0x4
500
µs
0x04B000
820 mV
0x7F
0x3
1 ms
0x04B000
820 mV
Table 17. TBS Impulse Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com