Electronic Components Datasheet Search
  English  ▼

X  

CS5376A Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 32Page - Cirrus Logic CS5376A Datasheet HTML 33Page - Cirrus Logic CS5376A Datasheet HTML 34Page - Cirrus Logic CS5376A Datasheet HTML 35Page - Cirrus Logic CS5376A Datasheet HTML 36Page - Cirrus Logic CS5376A Datasheet HTML 37Page - Cirrus Logic CS5376A Datasheet HTML 38Page - Cirrus Logic CS5376A Datasheet HTML 39Page - Cirrus Logic CS5376A Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
CS5376A
36
Delay 1 ms, monitor SINT, or poll E2DREQ
MOSI: 03 06 00 00 00
MISO: xx xx 07 04 31
02 03 00 00 02 00 00 20
Delay 1 ms, monitor SINT, or poll E2DREQ
MOSI: 03 06 00 00 00
MISO: xx xx 00 02 40
Write FIR Coefficients - 0x03
This command writes custom coefficients for the
FIR1 and FIR2 filters. The first two data words set
the number of FIR1 and FIR2 coefficients to be
written. The remaining data words are the concate-
nated FIR1 and FIR2 coefficients.
A maximum of 255 coefficients can be written for
each FIR filter, though the available digital filter
computation cycles will limit their practical size.
See “FIR Filter” on page 47 for more information
about FIR filter coefficients.
Sample Command:
Write FIR1 coefficients 0x00022E, 0x000771 then
FIR2 coefficients 0xFFFFB9, 0xFFFE8D.
02 03 00 00 03 00 00 02 00 00 02
Delay 1 ms, monitor SINT, or poll E2DREQ
02 06 00 02 2E 00 07 71
Delay 1 ms, monitor SINT, or poll E2DREQ
02 06 FF FF B9 FF FE 8D
Delay 1 ms, monitor SINT, or poll E2DREQ
Write IIR Coefficients - 0x04
This command writes custom coefficients for the
two stage IIR filter. The IIR architecture and num-
ber of coefficients is fixed, so eight coefficient val-
ues immediately follow this command. The IIR
coefficient write order is: a11, b10, b11, a21, a22,
b20, b21, and b22. See “IIR Filter” on page 55 for
more information about IIR filter coefficients.
Sample Command:
Write IIR1 coefficients 0x84BC9D, 0x7DA1B1,
0x825E4F, and IIR2 coefficients 0x83694F,
0x3CAD5F, 0x3E5104, 0x835DF8, 0x3E5104.
02 03 00 00 04 84 BC 9D 7D A1 B1
Delay 1 ms, monitor SINT, or poll E2DREQ
02 06 82 5E 4F 83 69 4F
Delay 1 ms, monitor SINT, or poll E2DREQ
02 06 3C AD 5F 3E 51 04
Delay 1 ms, monitor SINT, or poll E2DREQ
02 06 83 5D F8 3E 51 04
Delay 1 ms, monitor SINT, or poll E2DREQ
Write ROM Coefficients - 0x05
This configuration command selects the on-chip
coefficients for FIR1, FIR2, IIR 1st order, and IIR
2nd order filters for use by the digital filter. One
data word is required to select which internal coef-
ficient sets to use. See “Filter Coefficient Selec-
tion” on page 41 for information about selecting
on-chip FIR and IIR coefficient sets.
Sample Command:
Select IIR1 and IIR2 3 Hz @ 500 SPS low-cut co-
efficients, with FIR1 and FIR2 linear phase high-
cut coefficients. Data word 0x002200.
02 03 00 00 05 00 22 00
Delay 1 ms, monitor SINT, or poll E2DREQ
Write TBS Data - 0x06
This command writes a custom data set for the test
bit stream (TBS) generator. This command, along
with the ability to program the test bit stream gen-
erator interpolation and clock rate, can create cus-
tom frequency test signals.
The first data word sets the number of TBS data to
be written and the remaining data words are the
TBS data values. See “Test Bit Stream Generator”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com