Electronic Components Datasheet Search
  English  ▼

X  

CS5376A Datasheet(PDF) 104 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 104 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 99Page - Cirrus Logic CS5376A Datasheet HTML 100Page - Cirrus Logic CS5376A Datasheet HTML 101Page - Cirrus Logic CS5376A Datasheet HTML 102Page - Cirrus Logic CS5376A Datasheet HTML 103Page - Cirrus Logic CS5376A Datasheet HTML 104Page - Cirrus Logic CS5376A Datasheet HTML 105Page - Cirrus Logic CS5376A Datasheet HTML 106Page - Cirrus Logic CS5376A Datasheet HTML 107Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 104 / 107 page
background image
CS5376A
104
Pin
Name
Pin
Number
Pin
Type
Pin
Description
JTAG port
TRST
1
Input
JTAG reset, active low.
Connect to GND if JTAG is not used.
TMS
2
Input
JTAG test mode select.
TCK
3
Input
JTAG clock input.
TDI
4
Input
JTAG data input.
TDO
5
Output
JTAG data output.
Test Bit Stream
TBSCLK
8
Output
Test bit stream clock output.
TBSDATA
9
Output
Test bit stream data output.
No Connect
DNC
10
N/A
Do not connect.
Modulator Interface
MCLK/2
12
Output
Modulator clock output, half rate.
MCLK
13
Output
Modulator clock output, full rate.
MSYNC
14
Output
Modulator sync output.
MDATA[4:1]
15, 17, 19, 21
Input
Modulator data inputs.
MFLAG[4:1]
16, 18, 20, 22
Input
Modulator flag inputs.
Serial Peripheral Interface 2
SI[4:1]
26, 27, 28, 29
Input
SPI 2 data inputs.
SO
30
Output
SPI 2 data output.
SCK2
31
Output
SPI 2 clock output.
General Purpose Input / Output
GPIO[0:4]:CS[0:4]
32, 33, 34,
35, 36
Input / Output
General Purpose I/O with SPI 2 chip selects.
GPIO[5:10]
37, 41, 42,
43, 44, 45
Input / Output
General Purpose I/O.
GPIO11:EECS
46
Input / Output
General Purpose I/O with boot EEPROM chip select.
Serial Peripheral Interface 1
47
Output
SPI 1 slave select output, active low.
SCK1
48
Input / Output
SPI 1 serial clock input / output.
49
Input
SPI 1 slave select input, active low.
MISO
50
Input / Output
SPI 1 data, master in / slave out.
Open drain output requiring a 10 k
Ω pull-up.
MOSI
51
Input / Output
SPI 1 data, master out / slave in.
52
Output
SPI 1 serial interrupt output, active low.
Reset Control
55
Input
Reset, active low.
BOOT
56
Input
Boot mode select.
Time Break
TIMEB
57
Input
Time break input.
SSO
SSI
SINT
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com