Electronic Components Datasheet Search
  English  ▼

X  

DS1680 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1680
Description  Portable System Controller with Touch-Screen Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1680 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1680 Datasheet HTML 6Page - Dallas Semiconductor DS1680 Datasheet HTML 7Page - Dallas Semiconductor DS1680 Datasheet HTML 8Page - Dallas Semiconductor DS1680 Datasheet HTML 9Page - Dallas Semiconductor DS1680 Datasheet HTML 10Page - Dallas Semiconductor DS1680 Datasheet HTML 11Page - Dallas Semiconductor DS1680 Datasheet HTML 12Page - Dallas Semiconductor DS1680 Datasheet HTML 13Page - Dallas Semiconductor DS1680 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
DS1680
10 of 23
MICROPROCESSOR MONITOR
The DS1680 monitors three vital conditions for a microprocessor: power supply, software execution, and
external override.
First, a precision temperature-compensated reference and comparator circuit monitors the status of VCC.
When an out-of-tolerance condition occurs, an internal power-fail signal is generated that forces the RST
pin to the active state, thus warning a processor-based system of impending power failure. When VCC
returns to an in- tolerance condition upon power-up, the reset signal is kept in the active state for tRST to
allow the power supply and microprocessor to stabilize. Note, however, that if the EOSC bit is set to a
logic 1 (to disable the oscillator during battery-backup mode), the RST signal will be kept in an active
state for tRST plus the start-up time of the oscillator.
The second monitoring function is pushbutton reset control. The DS1680 provides for a pushbutton
switch to be connected to the RST output pin. When the DS1680 is not in a reset cycle, it continuously
monitors the RST signal for a low-going edge. If an edge is detected, the DS1680 will debounce the
switch by pulling the RST line low. After the internal timer has expired, the DS1680 will continue to
monitor the RST line. If the line is still low, the DS1680 will continue to monitor the line looking for a
rising edge. Upon detecting release, the DS1680 will force the RST line low and hold it low for tRST .
The third microprocessor monitoring function provided by the DS1680 is a watchdog timer. The
watchdog timer function forces RST to the active state when the ST input is not stimulated within the
predetermined time period. The time period is set by the time delay (TD) bits in the watchdog register.
The time delay can be set to 250ms, 500ms, or 1000ms. If TD0 and TD1 are both set to zero, the
watchdog timer is disabled. When enabled, the watchdog timer starts timing out from the set time period
as soon as RST is inactive. The default setting is for the watchdog timer to be enabled with 1000ms time
delay. If a high-to- low transition occurs on the ST input pin prior to time-out, the watchdog timer is reset
and begins to time-out again. If the watchdog timer is allowed to time-out, the RST signal is driven to the
active state for tRST . The ST input can be derived from microprocessor address signals, data signals,
and/or control signals. To guarantee that the watchdog timer does not time-out, a high-to- low transition
must occur at or less than the minimum period.
WATCHDOG REGISTER – 0Dh
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
0
0
TD1
TD0
WATCHDOG TIME-OUT BITS Table 2
TD1
TD0
WATCHDOG TIME-OUT
0
0
Watchdog Disabled
0
1
250ms
1
0
500ms
1
1
1000ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com