Electronic Components Datasheet Search
  English  ▼

X  

DS1680 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1680
Description  Portable System Controller with Touch-Screen Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1680 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1680 Datasheet HTML 12Page - Dallas Semiconductor DS1680 Datasheet HTML 13Page - Dallas Semiconductor DS1680 Datasheet HTML 14Page - Dallas Semiconductor DS1680 Datasheet HTML 15Page - Dallas Semiconductor DS1680 Datasheet HTML 16Page - Dallas Semiconductor DS1680 Datasheet HTML 17Page - Dallas Semiconductor DS1680 Datasheet HTML 18Page - Dallas Semiconductor DS1680 Datasheet HTML 19Page - Dallas Semiconductor DS1680 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
DS1680
16 of 23
ABSOLUTE MAXIMUM RATINGS*
Voltage Range on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature Range
0
°C to +70°C
Storage Temperature Range
-55
°C to +125°C
Soldering Temperature Range
See J-STD-020A Specification
*This is a stress rating only and functional operation of the device at these or any other conditions beyond
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time can affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Digital Power Supply Voltage
3.3V Operation
VCC, VAVD,
VREF
2.97
3.3
3.63
V
Digital Power Supply Voltage
5V Operation
VCC, VAVD,
VREF
4.5
5.0
5.5
V
Input Logic 1
VIH
2.0
VCC + 0.3
V
Input Logic 0
VIL
-0.3
+0.8
V
Battery Voltage
VBAT
2.5
3.7
V
DC ELECTRICAL CHARACTERISTICS
(0
°C to +70°C; V
CC = 5.0V
± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
-1
+1
µA
CS Leakage
ILO
260
µA
7
Logic 1 Output (IOUT = -0.4mA)
VOH
2.4
V
1
Logic 0 Output (IOUT = 1.5mA)
VOL
0.4
V
2
Active Supply Current (No Pen Detect)
ICCA
200
500
µA
3
Active Supply Current (Pen Detected)
ICCPD
5
mA
19
Standby Current
ICCS
175
300
µA
4
Oscillator Current
IOSC
300
500
nA
17
Battery Current (Oscillator Off)
IBAT
100
nA
18
Internal RST Pullup Resistor
RP
25
47
87
k
Ω
VCC Trip Point
VCCTP
4.15
4.33
4.50
V
VCC Switchover
VCCSW
2.67
2.78
V
12, 20
Pushbutton Detect
PBDV
0.8
2.0
V
Pushbutton Release
PBRD
0.3
0.8
V
Output Voltage
VCCO
VCC - 0.3
V
11
VCCO Output Current (Source = VCC)
ICCO1
150
mA
13
VCCO Output Current (Source = VBAT)
ICCO2
150
µA
14
PFI Input Threshold
VPFI
1.15
1.25
1.35
V
PFI Input Leakage
IPFI
-25
25
nA
PFO
Output Voltage, IOH = -0.4mA
VOH
VCC - 1.5
V
PFO
Output Voltage, IOL = 1.5mA
VOL
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com