Electronic Components Datasheet Search
  English  ▼

X  

DS1680 Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS1680
Description  Portable System Controller with Touch-Screen Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1680 Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS1680 Datasheet HTML 15Page - Dallas Semiconductor DS1680 Datasheet HTML 16Page - Dallas Semiconductor DS1680 Datasheet HTML 17Page - Dallas Semiconductor DS1680 Datasheet HTML 18Page - Dallas Semiconductor DS1680 Datasheet HTML 19Page - Dallas Semiconductor DS1680 Datasheet HTML 20Page - Dallas Semiconductor DS1680 Datasheet HTML 21Page - Dallas Semiconductor DS1680 Datasheet HTML 22Page - Dallas Semiconductor DS1680 Datasheet HTML 23Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
DS1680
20 of 23
POWER-FAIL AND RESET CHARACTERISTICS
(0ºC to +70ºC; VCC = 3.3V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
PFI Low to PFO Low
tPFD
200
ns
PFI High to PFO High
tPFU
200
ns
VCC Detect to RST (VCC Falling)
tRPD
200
ns
VCC Detect to RST (VCC Rising)
tRPU
250
ms
15, 16
Reset Active Time
tRST
250
ms
15
Pushbutton Debounce
PBDB
250
ms
15
ST
Pulse Width
tST
40
ns
Chip-Enable Propagation Delay to
External SRAM
tCED
8
15
ns
VCCTP(MAX) to VCCSW(MIN) Fall Time
tFB
50
µs
20
PARALLEL INTERFACE OUTPUT TIMING Figure 9
X,
HIGH
AIN0,
HIGH
X,
LOW
AIN0,
LOW
Y,
HIGH
Y,
LOW
PEN_SELECT
D0 - D7
COEN
OUT_SELECT
BHE
AIN1,
LOW
AIN1,
LOW
tOEZ
tOEA
tMUX
tMUX
tMUX
tMUX
tMUX
t MUX
tMUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com