Electronic Components Datasheet Search
  English  ▼

X  

DS3134 Datasheet(PDF) 82 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 82 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 78Page - Dallas Semiconductor DS3134 Datasheet HTML 79Page - Dallas Semiconductor DS3134 Datasheet HTML 80Page - Dallas Semiconductor DS3134 Datasheet HTML 81Page - Dallas Semiconductor DS3134 Datasheet HTML 82Page - Dallas Semiconductor DS3134 Datasheet HTML 83Page - Dallas Semiconductor DS3134 Datasheet HTML 84Page - Dallas Semiconductor DS3134 Datasheet HTML 85Page - Dallas Semiconductor DS3134 Datasheet HTML 86Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 203 page
background image
DS3134
82 of 203
Bit 2 & Bit 3 / Receive CRC Selection (RCRC0/RCRC1). These 2 bits are ignored if the HDLC
channel is set into Transparent mode (RTRANS = 1).
RCRC1
RCRC0
Action
0
0
no CRC verification performed
0
1
16-bit CRC (CCITT/ITU Q.921)
1
0
32-bit CRC
1
1
illegal state
Bit 4 / Receive Invert Data Enable (RID). When this bit is set low, the incoming HDLC packets are not
inverted before processing. When this bit is set high, the HDLC engine inverts all the data (flags,
information fields, and FCS) before processing the data. The data is not re-inverted before passing to the
FIFO.
0 = do not invert data
1 = invert all data (including flags and FCS)
Bit 5 / Receive Bit Flip (RBF). When this bit is set low, the HDLC engine will place the first HDLC bit
received in the lowest bit position of the PCI Bus bytes (i.e. PAD[0] / PAD[8] / PAD[16] / PAD[24]).
When this bit is set high, the HDLC engine will place the first HDLC bit received in the highest bit
position of the PCI Bus bytes (i.e. PAD[7] / PAD[15] / PAD[23] / PAD[31]).
0 = the first HDLC bit received is placed in the lowest bit position of the bytes on the PCI Bus
1 = the first HDLC bit received is placed in the highest bit position of the bytes on the PCI Bus
Bit 6 / Receive CRC Strip Enable (RCS). When this bit is set high, the FCS is not transferred through
to the PCI Bus. When this bit is set low, the HDLC engine will include the two byte FCS (16-bit) or four
byte FCS (32-bit) in the data that it transfers to the PCI Bus. This bit is ignored if the HDLC channel is
set into Transparent mode (RTRANS = 1).
0 = send FCS to the PCI Bus
1 = do not send the FCS to the PCI Bus
Bit 7 / Receive Abort Disable (RABTD). When this bit is set low, the HDLC engine will examine the
incoming data stream for the Abort sequence, which are seven or more consecutive ones. When this bit is
set high, the incoming data stream is not examined for the Abort sequence and if an incoming Abort
sequence is received, no action will be taken. This bit is ignored when the HDLC engine is configured in
the Transparent Mode (RTRANS = 1).
Bit 8 / Receive Zero Destuffing Disable (RZDD). When this bit is set low, the HDLC engine will zero
destuff the incoming data stream. When this bit is set high, the HDLC engine will not zero destuff the
incoming data stream. This bit is ignored when the HDLC engine is configured in the Transparent Mode
(RTRANS = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com