Electronic Components Datasheet Search
  English  ▼

X  

DS3134 Datasheet(PDF) 83 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 83 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 79Page - Dallas Semiconductor DS3134 Datasheet HTML 80Page - Dallas Semiconductor DS3134 Datasheet HTML 81Page - Dallas Semiconductor DS3134 Datasheet HTML 82Page - Dallas Semiconductor DS3134 Datasheet HTML 83Page - Dallas Semiconductor DS3134 Datasheet HTML 84Page - Dallas Semiconductor DS3134 Datasheet HTML 85Page - Dallas Semiconductor DS3134 Datasheet HTML 86Page - Dallas Semiconductor DS3134 Datasheet HTML 87Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 203 page
background image
DS3134
83 of 203
Register Name:
RHPL
Register Description: Receive HDLC Maximum Packet Length
Register Address:
0410h
76
5432
10
RHPL7
RHPL6
RHPL5
RHPL4
RHPL3
RHPL2
RHPL1
RHPL0
15
14
13
12
11
10
9
8
RHPL15
RHPL14
RHPL13
RHPL12
RHPL11
RHPL10
RHPL9
RHPL8
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0s.
This is a globe control only one per device and it is not one for each individual HDLC channel.
Bits 0 to 15 / Receive HDLC Packet Length (RHPL0 to RHPL15). If the Receive Length Detection
Enable bit is set to one, then the HDLC engine will check the number of received octets in a packet to see
if they exceed the count in this register. If the length is exceeded, then the packet is aborted and the
remainder is discarded. The definition of "octet length" is everything in between the opening and closing
flags which includes the address field, control field, information field, and FCS.
Register Name:
THCDIS
Register Description: Transmit HDLC Channel Definition Indirect Select
Register Address:
0480h
76
5432
10
HCID7
HCID6
HCID5
HCID4
HCID3
HCID2
HCID1
HCID0
15
14
13
12
11
10
9
8
IAB
IARW
n/a
n/a
n/a
n/a
n/a
n/a
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bits 0 to 7 / HDLC Channel ID (HCID0 to HCID7).
00000000 (00h) = HDLC Channel Number 1 (also used for the Fast HDLC Engine on Port 0)
00000001 (01h) = HDLC Channel Number 2 (also used for the Fast HDLC Engine on Port 1)
00000010 (02h) = HDLC Channel Number 3
11111111 (FFh) = HDLC Channel Number 256
Bit 14 / Indirect Access Read/Write (IARW). When the host wishes to read data from the internal
Transmit HDLC Definition RAM, this bit should be written to a one by the host. This causes the device
to begin obtaining the data from the channel location indicated by the HCID bits. During the read access,
the IAB bit will be set to one. Once the data is ready to be read from the THCD register, the IAB bit will
be set to zero. When the host wishes to write data to the internal Transmit HDLC Definition RAM, this
bit should be written to a zero by the host. This causes the device to take the data that is current present in
the THCD register and write it to the channel location indicated by the HCID bits. When the device has
completed the write, the IAB will be set to zero.
Bit 15 / Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read only
bit will be set to a one. During a read operation, this bit will be set to a one until the data is ready to be
read. It will be set to zero when the data is ready to be read. During a write operation, this bit will be set
to a one while the write is taking place. It will be set to zero once the write operation has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com