Electronic Components Datasheet Search
  English  ▼

X  

DS3134 Datasheet(PDF) 134 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 134 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 130Page - Dallas Semiconductor DS3134 Datasheet HTML 131Page - Dallas Semiconductor DS3134 Datasheet HTML 132Page - Dallas Semiconductor DS3134 Datasheet HTML 133Page - Dallas Semiconductor DS3134 Datasheet HTML 134Page - Dallas Semiconductor DS3134 Datasheet HTML 135Page - Dallas Semiconductor DS3134 Datasheet HTML 136Page - Dallas Semiconductor DS3134 Datasheet HTML 137Page - Dallas Semiconductor DS3134 Datasheet HTML 138Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 203 page
background image
DS3134
134 of 203
Pending Queue Burst Reading
The DMA has the ability to read the Pending Queue in bursts. This allows for a more efficient use of the
PCI Bus. The DMA can grab descriptors from the Pending Queue in-groups rather than one at a time,
freeing up the PCI Bus for more time critical functions.
Internal to the device there is a FIFO that can store up to 16 Pending Queue Descriptors (16 dwords since
each descriptor occupies one dword). The Host must configure the Pending Queue FIFO for proper
operation via the Transmit DMA Queues Control (TDMAQ) register (see below).
When enabled via the Transmit Pending Queue FIFO Enable (TPQFE) bit, the Pending Queue FIFO will
not read the Pending Queue until it reaches the Low Water Mark. When the Pending Queue FIFO reaches
the Low Water Mark (which is four descriptors), it will attempt to fill the FIFO with additional
descriptors by burst reading the Pending Queue.
Before it reads the Pending Queue, it checks (by
examining the Transmit Pending Queue Host Write Pointer) to make sure that the Pending Queue
contains enough descriptors to fill the Pending Queue FIFO. If the Pending Queue does not have enough
descriptors to fill the FIFO, then it will only read enough to empty the Pending Queue. If the FIFO
detects that there are no Pending Queue descriptors available for it to read, then it will wait and try again
later. If the Pending Queue FIFO can read descriptors from the Pending Queue, then it will burst read
them, increment the read pointer, and set the Status Bit for Transmit DMA Pending Queue Read (TPQR)
in the Status Register for DMA (SDMA). See Section 4 for more details on Status Bits.
Register Name:
TDMAQ
Register Description: Transmit DMA Queues Control
Register Address:
0880h
76
5432
10
n/a
n/a
n/a
n/a
TDQF
TDQFE
TPQF
TPQFE
15
14
13
12
11
10
9
8
n/a
n/a
n/a
n/a
n/a
TDQT2
TDQT1
TDQT0
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bit 0 / Transmit Pending Queue FIFO Enable (TPQFE). To enable the DMA to burst read descriptors
from the Pending Queue; this bit must be set to a one. If this bit is set to zero, descriptors will be read one
at a time.
0 = Pending Queue Burst Read Disabled
1 = Pending Queue Burst Read Enabled
Bit 1 / Transmit Pending Queue FIFO Flush (TPQF). When this bit is set to one, the internal Pending
Queue FIFO will be flushed (currently loaded Pending Queue Descriptors are lost). This bit must be set
to zero for proper operation.
0 = FIFO in normal operation
1 = FIFO is flushed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com