Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2403APGS Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS320LC2403APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2403APGS Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320LC2403APGS Datasheet HTML 26Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 27Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 28Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 29Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 30Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 31Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 32Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 33Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
device reset and interrupts
The TMS320x240xA software-programmable interrupt structure supports flexible on-chip and external interrupt
configurations to meet real-time interrupt-driven application requirements. The LF240xA recognizes three types
of interrupt sources.
D Reset (hardware- or software-initiated) is unarbitrated by the CPU and takes immediate priority over any
other executing functions. All maskable interrupts are disabled until the reset service routine enables them.
The LF240xA devices have two sources of reset: an external reset pin and a watchdog timer time-out
(reset).
D Hardware-generated interrupts are requested by external pins or by on-chip peripherals. There are two
types:
−
External interrupts are generated by one of four external pins corresponding to the interrupts XINT1,
XINT2, PDPINTA, and PDPINTB. These four can be masked both by dedicated enable bits and by the
CPU interrupt mask register (IMR), which can mask each maskable interrupt line at the DSP core.
−
Peripheral interrupts are initiated internally by these on-chip peripheral modules: event manager A,
event manager B, SPI, SCI, CAN, and ADC. They can be masked both by enable bits for each event in
each peripheral and by the CPU IMR, which can mask each maskable interrupt line at the DSP core.
D Software-generated interrupts for the LF240xA devices include:
−
The INTR instruction. This instruction allows initialization of any LF240xA interrupt with software. Its
operand indicates the interrupt vector location to which the CPU branches. This instruction globally
disables maskable interrupts (sets the INTM bit to 1).
−
The NMI instruction. This instruction forces a branch to interrupt vector location 24h. This instruction
globally disables maskable interrupts. 240xA devices do not have the NMI hardware signal, only
software activation is provided.
−
The TRAP instruction. This instruction forces the CPU to branch to interrupt vector location 22h. The
TRAP instruction does not disable maskable interrupts (INTM is not set to 1); therefore, when the CPU
branches to the interrupt service routine, that routine can be interrupted by the maskable hardware
interrupts.
−
An emulator trap. This interrupt can be generated with either an INTR instruction or a TRAP instruction.
Six core interrupts (INT1−INT6) are expanded using a peripheral interrupt expansion (PIE) module identical to
the F24x devices. The PIE manages all the peripheral interrupts from the 240xA peripherals and are grouped to
share the six core level interrupts. Figure 9 shows the PIE block diagram for hardware-generated interrupts.
The PIE block diagram (Figure 9) and the interrupt table (Table 3) explain the grouping and interrupt vector
maps. LF240xA devices have interrupts identical to those of the F24x devices and should be completely
code-compatible. 240xA devices also have peripheral interrupts identical to those of the F24x − plus additional
interrupts for new peripherals such as event manager B. Though the new interrupts share the 24x interrupt
grouping, they all have a unique vector to differentiate among the interrupts. See Table 3 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com