Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2403APGS Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320LC2403APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2403APGS Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320LC2403APGS Datasheet HTML 29Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 30Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 31Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 32Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 33Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 34Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 35Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 36Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
interrupt request structure (continued)
Table 3. LF240xA/LC240xA Interrupt Source Priority and Vectors (Continued)
INTERRUPT
NAME
OVERALL
PRIORITY
CPU
INTERRUPT
AND
VECTOR
ADDRESS
BIT
POSITION IN
PIRQRx AND
PIACKRx
PERIPHERAL
INTERRUPT
VECTOR
(PIV)
MASK-
ABLE?
SOURCE
PERIPHERAL
MODULE
DESCRIPTION
T2PINT
28
1.0
002Bh
Y
EVA
Timer 2 period interrupt
T2CINT
29
1.1
002Ch
Y
EVA
Timer 2 compare interrupt
T2UFINT
30
1.2
002Dh
Y
EVA
Timer 2 underflow interrupt
T2OFINT
31
INT3
1.3
002Eh
Y
EVA
Timer 2 overflow interrupt
T4PINT
32
INT3
0006h
2.8
0039h
Y
EVB
Timer 4 period interrupt
T4CINT
33
2.9
003Ah
Y
EVB
Timer 4 compare interrupt
T4UFINT
34
2.10
003Bh
Y
EVB
Timer 4 underflow interrupt
T4OFINT
35
2.11
003Ch
Y
EVB
Timer 4 overflow interrupt
CAP1INT
36
1.4
0033h
Y
EVA
Capture 1 interrupt
CAP2INT
37
1.5
0034h
Y
EVA
Capture 2 interrupt
CAP3INT
38
INT4
1.6
0035h
Y
EVA
Capture 3 interrupt
CAP4INT
39
INT4
0008h
2.12
0036h
Y
EVB
Capture 4 interrupt
CAP5INT
40
2.13
0037h
Y
EVB
Capture 5 interrupt
CAP6INT
41
2.14
0038h
Y
EVB
Capture 6 interrupt
SPIINT
42
1.7
0005h
Y
SPI
SPI interrupt (low priority)
RXINT
43
1.8
0006h
Y
SCI
SCI receiver interrupt
(low-priority mode)
TXINT
44
INT5
000Ah
1.9
0007h
Y
SCI
SCI transmitter interrupt
(low-priority mode)
CANMBINT
45
000Ah
1.10
0040h
Y
CAN
CAN mailbox interrupt
(low-priority mode)
CANERINT
46
1.11
0041h
Y
CAN
CAN error interrupt
(low-priority mode)
ADCINT
47
1.12
0004h
Y
ADC
ADC interrupt
(low priority)
XINT1
48
INT6
000Ch
1.13
0001h
Y
External
Interrupt Logic External interrupt pins
XINT2
49
000Ch
1.14
0011h
Y
External
Interrupt Logic
External interrupt pins
(low-priority mode)
Reserved
000Eh
N/A
Y
CPU
Analysis interrupt
TRAP
N/A
0022h
N/A
N/A
CPU
TRAP instruction
Phantom
Interrupt
Vector
N/A
N/A
0000h
N/A
CPU
Phantom interrupt vector
INT8−INT16
N/A
0010h−0020h
N/A
N/A
CPU
Software interrupt vectors†
INT20−INT31
N/A
00028h−0003Fh
N/A
N/A
CPU
Software interrupt vectors†
† See the TMS320LF/LC240xA DSP Controllers Reference Guide: System and Peripherals (literature number SPRU357) for more information.
NOTE: Some interrupts may not be available in a particular device due to the absence of a peripheral. See Table 1 for more details.
New peripheral interrupts and vectors with respect to the F243/F241 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com