Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2403APGS Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320LC2403APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2403APGS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320LC2403APGS Datasheet HTML 9Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 10Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 11Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 12Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 13Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 14Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 15Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 16Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
pin functions (continued)
Table 2. LF240xA and LC240xA Pin List and Package Options†‡ (Continued)
PIN NAME
LF2407A
(144-PGE)
2406A
(100-PZ)
LC2404A
(100-PZ)
2403A,
LC2402A
(64-PAG)
and
2402A
(64-PG)
DESCRIPTION
CONTROLLER AREA NETWORK (CAN), SERIAL COMMUNICATIONS INTERFACE (SCI), SERIAL PERIPHERAL INTERFACE (SPI)
CANRX/IOPC7
CANRX
70
49
−
63
CAN receive data or GPIO (LF2403A) (
↑)
CANRX/IOPC7
IOPC7
70
49
49
63
GPIO only (2402A) (
↑)
CANTX/IOPC6
CANTX
72
50
−
64
CAN transmit data or GPIO (LF2403A) (
↑)
CANTX/IOPC6
IOPC6
72
50
50
64
GPIO only (2402A) (
↑)
SCITXD/IOPA0
25
17
17
43
SCI asynchronous serial port transmit data or GPIO (
↑)
SCIRXD/IOPA1
26
18
18
44
SCI asynchronous serial port receive data or or
GPIO (
↑)
SPICLK/IOPC4
SPICLK
35
24
24
47
SPI clock or GPIO (LF2403A) (
↑)
SPICLK/IOPC4
IOPC4
35
24
24
47
GPIO only (2402A) (
↑)
SPISIMO/IOPC2
SPISIMO
30
21
21
45
SPI slave in, master out or GPIO (LF2403A) (
↑)
SPISIMO/IOPC2
IOPC2
30
21
21
45
GPIO only (2402A) (
↑)
SPISOMI/IOPC3
SPISOMI
32
22
22
46
SPI slave out, master in or GPIO (LF2403A) (
↑)
SPISOMI/IOPC3
IOPC3
32
22
22
46
GPIO only (2402A) (
↑)
SPISTE/IOPC5
SPISTE
33
23
23
−
SPI slave transmit enable (optional) or GPIO (
↑)
SPISTE/IOPC5
IOPC5
33
23
23
−
SPI slave transmit-enable (optional) or GPIO (
↑)
EXTERNAL INTERRUPTS, CLOCK
RS
133
93
93
28
Device Reset (in) and Watchdog Reset (out).
Device reset. RS causes the device to terminate execution
and to set PC = 0. When RS is brought to a high level,
execution begins at location 0x0000 of program memory.
This pin is driven low by the DSP when a watchdog reset
occurs. During watchdog reset, the RS pin will be driven
low for the watchdog reset duration of 128 CLKIN cycles.
The output buffer of this pin is an open-drain with an
internal pullup (20
µA, typical). It is recommended that this
pin be driven by an open-drain device. (
↑)
PDPINTA
7
6
6
36
Power drive protection interrupt input. This interrupt, when
activated, puts the PWM output pins (EVA) in the
high-impedance state should motor drive/power converter
abnormalities, such as overvoltage or overcurrent, etc.,
arise. PDPINTA is a falling-edge-sensitive interrupt. (
↑)
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO − General-purpose input/output pin. All GPIOs come up as input after reset.
§ It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy
and improve the noise immunity of the ADC.
Only when all of the following conditions are met: EMU1/OFF is low, TRST is low, and EMU0 is high
# No power supply pin (VDD, VDDO, VSS, or VSSO) should be left unconnected. All power supply pins must be connected appropriately for proper
device operation.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is
±16 µA.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com