Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2403APGS Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320LC2403APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2403APGS Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320LC2403APGS Datasheet HTML 43Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 44Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 45Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 46Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 47Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 48Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 49Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 50Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
47
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
general-purpose (GP) timers
There are two GP timers. The GP timer x (x = 1 or 2 for EVA; x = 3 or 4 for EVB) includes:
D A 16-bit timer, up-/down-counter, TxCNT, for reads or writes
D A 16-bit timer-compare register, TxCMPR (double-buffered with shadow register), for reads or writes
D A 16-bit timer-period register, TxPR (double-buffered with shadow register), for reads or writes
D A 16-bit timer-control register,TxCON, for reads or writes
D Selectable internal or external input clocks
D A programmable prescaler for internal or external clock inputs
D Control and interrupt logic, for four maskable interrupts: underflow, overflow, timer compare, and period
interrupts
D A selectable direction input pin (TDIRx) (to count up or down when directional up-/down-count mode is
selected)
The GP timers can be operated independently or synchronized with each other. The compare register
associated with each GP timer can be used for compare function and PWM-waveform generation. There are
three continuous modes of operations for each GP timer in up- or up/down-counting operations. Internal or
external input clocks with programmable prescaler are used for each GP timer. GP timers also provide the time
base for the other event-manager submodules: GP timer 1 for all the compares and PWM circuits, GP timer 2/1
for the capture units and the quadrature-pulse counting operations. Double-buffering of the period and compare
registers allows programmable change of the timer (PWM) period and the compare/PWM pulse width as
needed.
full-compare units
There are three full-compare units on each event manager. These compare units use GP timer1 as the time
base and generate six outputs for compare and PWM-waveform generation using programmable deadband
circuit. The state of each of the six outputs is configured independently. The compare registers of the compare
units are double-buffered, allowing programmable change of the compare/PWM pulse widths as needed.
programmable deadband generator
The deadband generator circuit includes three 8-bit counters and an 8-bit compare register. Desired deadband
values (from 0 to 16
µs) can be programmed into the compare register for the outputs of the three compare units.
The deadband generation can be enabled/disabled for each compare unit output individually. The
deadband-generator circuit produces two outputs (with or without deadband zone) for each compare unit output
signal. The output states of the deadband generator are configurable and changeable as needed by way of the
double-buffered ACTR register.
PWM waveform generation
Up to eight PWM waveforms (outputs) can be generated simultaneously by each event manager: three
independent pairs (six outputs) by the three full-compare units with programmable deadbands, and two
independent PWMs by the GP-timer compares.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com