Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2403APGS Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320LC2403APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2403APGS Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320LC2403APGS Datasheet HTML 8Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 9Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 10Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 11Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 12Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 13Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 14Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 15Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
pin functions (continued)
Table 2. LF240xA and LC240xA Pin List and Package Options†‡ (Continued)
PIN NAME
LF2407A
(144-PGE)
2406A
(100-PZ)
LC2404A
(100-PZ)
2403A,
LC2402A
(64-PAG)
and
2402A
(64-PG)
DESCRIPTION
EVENT MANAGER B (EVB) (CONTINUED)
T3PWM/T3CMP/IOPF2
8
7
7
Timer 3 compare output (EVB) or GPIO (
↑)
T4PWM/T4CMP/IOPF3
6
5
5
Timer 4 compare output (EVB) or GPIO (
↑)
TDIRB/IOPF4
2
2
2
Counting direction for general-purpose (GP) timer
(EVB) or GPIO. If TDIRB = 1, upward counting is
selected. If TDIRB = 0, downward counting is
selected. (
↑)
TCLKINB/IOPF5
126
89
89
External clock input for GP timer (EVB) or GPIO.
Note that the timer can also use the internal
device clock. (
↑)
ANALOG-TO-DIGITAL CONVERTER (ADC)
ADCIN00
112
79
79
18
Analog input #0 to the ADC
ADCIN01
110
77
77
17
Analog input #1 to the ADC
ADCIN02
107
74
74
16
Analog input #2 to the ADC
ADCIN03
105
72
72
15
Analog input #3 to the ADC
ADCIN04
103
70
70
14
Analog input #4 to the ADC
ADCIN05
102
69
69
13
Analog input #5 to the ADC
ADCIN06
100
67
67
12
Analog input #6 to the ADC
ADCIN07
99
66
66
11
Analog input #7 to the ADC
ADCIN08
113
80
80
Analog input #8 to the ADC
ADCIN09
111
78
78
Analog input #9 to the ADC
ADCIN10
109
76
76
Analog input #10 to the ADC
ADCIN11
108
75
75
Analog input #11 to the ADC
ADCIN12
106
73
73
Analog input #12 to the ADC
ADCIN13
104
71
71
Analog input #13 to the ADC
ADCIN14
101
68
68
Analog input #14 to the ADC
ADCIN15
98
65
65
Analog input #15 to the ADC
VREFHI
115
82
82
20
ADC analog high-voltage reference input
VREFLO
114
81
81
19
ADC analog low-voltage reference input
VCCA
116
83
83
21
Analog supply voltage for ADC (3.3 V)§
VSSA
117
84
84
22
Analog ground reference for ADC
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO − General-purpose input/output pin. All GPIOs come up as input after reset.
§ It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy
and improve the noise immunity of the ADC.
Only when all of the following conditions are met: EMU1/OFF is low, TRST is low, and EMU0 is high
# No power supply pin (VDD, VDDO, VSS, or VSSO) should be left unconnected. All power supply pins must be connected appropriately for proper
device operation.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is
±16 µA.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com