Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2403APGS Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320LC2403APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2403APGS Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320LC2403APGS Datasheet HTML 10Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 11Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 12Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 13Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 14Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 15Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 16Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 17Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
pin functions (continued)
Table 2. LF240xA and LC240xA Pin List and Package Options†‡ (Continued)
PIN NAME
LF2407A
(144-PGE)
2406A
(100-PZ)
LC2404A
(100-PZ)
2403A,
LC2402A
(64-PAG)
and
2402A
(64-PG)
DESCRIPTION
EXTERNAL INTERRUPTS, CLOCK (CONTINUED)
XINT1/IOPA2
23
16
16
External user interrupt 1 or GPIO. Both XINT1 and XINT2
are
edge-sensitive.
The
edge
polarity
is
programmable. (
↑)
XINT2/ADCSOC/IOPD0
21
15
15
42
External user interrupt 2 and ADC start of conversion or
GPIO. External “start-of-conversion” input for ADC/GPIO.
Both XINT1 and XINT2 are edge-sensitive. The edge
polarity is programmable. (
↑)
CLKOUT/IOPE0
73
51
51
1
Clock output or GPIO. This pin outputs either the CPU clock
(CLKOUT) or the watchdog clock (WDCLK). The selection
is made by the CLKSRC bit (bit 14) of the system control
and status register (SCSR). This pin can be used as a GPIO
if not used as a clock output pin. (
↑)
PDPINTB
137
95
95
Power drive protection interrupt input. This interrupt, when
activated, puts the PWM output pins (EVB) in the
high-impedance state should motor drive/power converter
abnormalities, such as overvoltage or overcurrent, etc.,
arise. PDPINTB is a falling-edge-sensitive interrupt. (
↑)
OSCILLATOR, PLL, FLASH, BOOT, AND MISCELLANEOUS
XTAL1/CLKIN
123
87
87
24
PLL oscillator input pin. Crystal input to PLL/clock source
input to PLL. XTAL1/CLKIN is tied to one side of a reference
crystal.
XTAL2
124
88
88
25
Crystal output. PLL oscillator output pin. XTAL2 is tied to
one side of a reference crystal. This pin goes in the
high-impedance state when EMU1/OFF is active low.
PLLVCCA
12
10
10
39
PLL supply (3.3 V)
IOPF6
131
92
92
General-purpose I/O (
↑)
BOOT_EN /
BOOT_EN
121
86
−
23
Boot ROM enable, GPO, XF. This pin will be sampled as
input (BOOT_EN) to update SCSR2.3 (BOOT_EN bit)
during reset and then driven as an output signal for XF. After
BOOT_EN /
XF
XF
121
86
86
23
during reset and then driven as an output signal for XF. After
reset, XF is driven high. ROM devices do not have boot
ROM, hence, no BOOT_EN modes. The BOOT_EN pin
must be driven with a passive circuit only. (
↑)
PLLF
11
9
9
38
PLL loop filter input 1
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO − General-purpose input/output pin. All GPIOs come up as input after reset.
§ It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy
and improve the noise immunity of the ADC.
Only when all of the following conditions are met: EMU1/OFF is low, TRST is low, and EMU0 is high
# No power supply pin (VDD, VDDO, VSS, or VSSO) should be left unconnected. All power supply pins must be connected appropriately for proper
device operation.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is
±16 µA.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com