Electronic Components Datasheet Search
  English  ▼

X  

DP7132 Datasheet(PDF) 8 Page - Copal Electronics

Part # DP7132
Description  16 Volt Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7132 Datasheet(HTML) 8 Page - Copal Electronics

Back Button DP7132 Datasheet HTML 4Page - Copal Electronics DP7132 Datasheet HTML 5Page - Copal Electronics DP7132 Datasheet HTML 6Page - Copal Electronics DP7132 Datasheet HTML 7Page - Copal Electronics DP7132 Datasheet HTML 8Page - Copal Electronics DP7132 Datasheet HTML 9Page - Copal Electronics DP7132 Datasheet HTML 10Page - Copal Electronics DP7132 Datasheet HTML 11Page - Copal Electronics DP7132 Datasheet HTML 12Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DP7132
8
Doc. No. MD-2124, Rev. E
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
Figure 5. Access Register Addressing Using 3 Bytes
Table 2. Byte 1 Slave Address and Instruction Byte
h
2
0
-
s
s
e
r
d
d
a
Rn
o
Ai
t
c
e
l
e
s
)
h
0
0
(
R
D
/
)
h
0
8
(
R
WC
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
1
0
A
1
0
0
0
0
0
0
0
A
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
1
0
A
0
0
0
0
0
0
0
0
A
P
S
e
t
y
b
d
r
3
e
t
y
b
d
n
2
e
t
y
b
t
s
1
SP
Table 1. Access Control Register
DEVICE DESCRIPTION
Access Control Register
The volatile register WCR and the non-volatile register
DR are accessed only by addressing the volatile Access
Register AR first, using the 3 byte I2C protocol for all read
and write operations (see Table 1). The first byte is the
slave address/instruction byte (see details below). The
second byte contains the address (02h) of the AR
register. The data in the third byte controls which register
WCR (80h) or DR (00h) is being addressed (see Figure
5).
Slave Address Instruction Byte Description
The first byte sent to the DP7132 from the master
processor is called the Slave/DP Address Byte. The
most significant five bits of the slave address are a
device type identifier. For the DP7132 these bits are
fixed at 01010 (refer to Table 2).
The next two bits, A1 and A0, are the internal slave
address and must match the physical device address
which is defined by the state of the A1 and A0 input pins.
Only the device with slave address matching the input
byte will be accessed by the master. This allows up to 4
devices to reside on the same bus. The A1 and A0 inputs
can be actively driven by CMOS input signals or tied to
VCC or Ground.
The last bit is the READ/WRITE bit and determines the
function to be performed. If it is a “1” a read command is
initiated and if it is a “0” a write is initiated. For the AR
register only write is allowed.
After the Master sends a START condition and the slave
address byte, the DP7132 monitors the bus and
responds with an acknowledge when its address matches
the transmitted slave address.
SLAVE
ADDRESS
& INSTRUCTION
S
A
C
K
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A
C
K
FIXED
VARIABLE
AR REGISTER
ADDRESS
WCR/DR
SELECTION
r
e
i
f
i
t
n
e
d
I
e
p
y
T
e
c
i
v
es
Ds
e
r
d
d
A
e
v
a
l/
Sd
a
e
R
e
t
i
r
W
4
D
I3
D
I2
D
I1
D
I0
D
I1
A0
A/
R
W
01
01
0
X
X
X
)
B
S
M
(
)
B
S
L
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com