Electronic Components Datasheet Search
  English  ▼

X  

DP7132 Datasheet(PDF) 5 Page - Copal Electronics

Part # DP7132
Description  16 Volt Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7132 Datasheet(HTML) 5 Page - Copal Electronics

  DP7132 Datasheet HTML 1Page - Copal Electronics DP7132 Datasheet HTML 2Page - Copal Electronics DP7132 Datasheet HTML 3Page - Copal Electronics DP7132 Datasheet HTML 4Page - Copal Electronics DP7132 Datasheet HTML 5Page - Copal Electronics DP7132 Datasheet HTML 6Page - Copal Electronics DP7132 Datasheet HTML 7Page - Copal Electronics DP7132 Datasheet HTML 8Page - Copal Electronics DP7132 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DP7132
5
Doc No. MD-2124, Rev. E
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
POWER UP TIMING (1)(2)
l
o
b
m
yr
Se
t
e
m
a
r
an
Pi
Mx
a
Ms
t
i
n
U
t
R
U
P
n
o
i
t
a
r
e
p
O
d
a
e
R
o
t
p
u
-
r
e
w
os
1
Pm
t
W
U
P
n
o
i
t
a
r
e
p
O
e
t
i
r
W
o
t
p
u
-
r
e
w
os
1
Pm
DP TIMING
l
o
b
m
yr
Se
t
e
m
a
r
an
Pi
Mx
a
Ms
t
i
n
U
t
O
P
R
W
e
l
b
a
t
S
y
l
p
p
u
S
r
e
w
o
P
r
e
t
f
A
e
m
i
T
e
s
n
o
p
s
e
R
r
e
p
i0
5
W1
s
µ
t
L
R
W
d
e
u
s
s
I
n
o
i
t
c
u
r
t
s
n
I
r
e
t
f
A
e
m
i
T
e
s
n
o
p
s
e
R
r
e
p
i0
5
W1
s
µ
l
o
b
m
yr
Se
t
e
m
a
r
an
Pi
Mx
a
Ms
t
i
n
U
t
R
W
)
2
.
g
i
F
e
e
s
(
e
m
i
T
e
l
c
y
C
e
t
i
r
s
5
W
m
WRITE CYCLE LIMITS
The write cycle is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle.
During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high and the device does not
respond to its slave address.
RELIABILITY CHARACTERISTICS
Notes:
1.
This parameter is tested initially and after a design or process change that affects the parameter.
2.
tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
l
o
b
m
yr
Se
t
e
m
a
r
ad
Po
h
t
e
M
t
s
e
T
e
c
n
e
r
e
f
en
Ri
Mx
a
Ms
t
i
n
U
N
D
N
E
)
1
(
e
c
n
a
r
u
d
n3
E3
0
1
d
o
h
t
e
M
t
s
e
T
,
3
8
8
-
D
T
S
-
L
I0
M0
0
,
0
0s
1e
l
c
y
C
T
R
D
)
1
(
n
o
i
t
n
e
t
e
R
a
t
a8
D0
0
1
d
o
h
t
e
M
t
s
e
T
,
3
8
8
-
D
T
S
-
L
I0
M0
s
1r
a
e
Y
TYPICAL PERFORMANCE CHARACTERISTICS
Resistance between RW and RL
0.000
2.000
4.000
6.000
8.000
10.000
12.000
0
163248648096
112
128
Tap position
Vcc=2.7V; V+=8v
Vcc=5.5V; V+=16V
Icc2 (NV write) vs Temperature
0
50
100
150
200
250
300
350
400
-50 -30 -10 10
30
50
70
90 110 130
Temperature (°C)
Vcc = 2.7V
Vcc = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com