Electronic Components Datasheet Search
  English  ▼

X  

DP7132 Datasheet(PDF) 9 Page - Copal Electronics

Part # DP7132
Description  16 Volt Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7132 Datasheet(HTML) 9 Page - Copal Electronics

Back Button DP7132 Datasheet HTML 5Page - Copal Electronics DP7132 Datasheet HTML 6Page - Copal Electronics DP7132 Datasheet HTML 7Page - Copal Electronics DP7132 Datasheet HTML 8Page - Copal Electronics DP7132 Datasheet HTML 9Page - Copal Electronics DP7132 Datasheet HTML 10Page - Copal Electronics DP7132 Datasheet HTML 11Page - Copal Electronics DP7132 Datasheet HTML 12Page - Copal Electronics DP7132 Datasheet HTML 13Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DP7132
9
Doc No. MD-2124, Rev. E
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
Wiper Control Register (WCR) Description
The DP7132 contains a 7-bit Wiper Control Register
which is decoded to select one of the 128 switches along
its resistor array. The WCR is a volatile register and is
written with the contents of the nonvolatile Data Register
(DR) on power-up. The Wiper Control Register loses its
contents when the DP7132 is powered-down. The
contents of the WCR may be read or changed directly by
the host using a READ/WRITE command after addressing
the WCR (see Table 1 to access WCR). Since the
DP7132 will only make use of the 7 LSB bits (The first
data bit, or MSB, is ignored) on write instructions and will
always come back as a “0” on read commands.
XXXXXXX
AX
Ah
2
0
-
s
s
e
r
d
d
a
R
T
S
0
1
0
1
0
0
0
0
A
0
0
0
0
00
1
0
A
1
0
0
00
0
0
0
A
P
S
e
t
y
b
d
r
3
e
t
y
b
d
n
2
e
t
y
b
t
s
1
WCR(80h) selection
T
P
A
0
0
0
0
0
0
0
0
A
0
0
0
0
1
0
1
0
S
S
e
t
y
b
a
t
a
d
h
0
0
-
s
s
e
r
d
d
a
R
C
W
e
t
y
b
s
s
e
r
d
d
a
e
v
a
l
s
111
A1
Ah
2
0
-
s
s
e
r
d
d
a
R
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
1
0
A
1
0
0
0
0
0
0
0
e
t
y
b
d
r
3
e
t
y
b
d
n
2
e
t
y
b
t
s
1
ASP
WCR(80h) selection
T
P
S
0
0
0
0
0
0
0
0
A
0
0
0
1
1
0
1
0
S
s
t
i
b
)
0
(
t
n
e
m
e
r
c
e
d
/
)
1
(
t
n
e
m
e
r
c
n
i
h
0
0
-
s
s
e
r
d
d
a
R
C
W
e
t
y
b
s
s
e
r
d
d
a
e
v
a
l
s
00
0
0
Ah
2
0
-
s
s
e
r
d
d
a
R
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
1
0
A
1
0
0
0
0
0
0
0
WCR(80h) selection
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
0
0
h
0
0
-
s
s
e
r
d
d
a
R
C
W
e
t
y
b
s
s
e
r
d
d
a
e
v
a
l
s
T
S
0
1
0
1
0
00
1
A
0X
X
X
X
X
X
X
e
t
y
b
a
t
a
d
e
t
y
b
s
s
e
r
d
d
a
e
v
a
l
s
SP
e
t
y
b
d
r
3
e
t
y
b
d
n
2
e
t
y
b
t
s
1
ASP
A write operation (see Table 3) requires a Start condition, followed by a valid slave address byte, a valid address byte
00h, a data byte and a STOP condition. After each of the three bytes the DP7132 responds with an acknowledge.
At this time the data is written only to volatile registers, then the device enters its standby state.
An increment operation (see Table 4) requires a Start condition, followed by a valid increment address byte (01011),
a valid address byte 00h. After each of the two bytes, the DP7132 responds with an acknowledge. At this time if the
data is high then the wiper is incremented or if the data is low the wiper is decremented at each clock. Once the stop
is issued then the device enters its standby state with the WCR data as being the last inc/dec position. Also, the wiper
position does not roll over but is limited to min and max positions.
A read operation (see Table 5) requires a Start condition, followed by a valid slave address byte for write, a valid address
byte 00h, a second START and a second slave address byte for read. After each of the three bytes, the DP7132
responds with an acknowledge and then the device transmits the data byte. The master terminates the read operation
by issuing a STOP condition following the last bit of Data byte.
Table 3. WCR Write Operation
Table 4. WCR Increment/Decrement Operation
Table 5. WCR Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com