Electronic Components Datasheet Search
  English  ▼

X  

DP7132 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP7132
Description  16 Volt Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7132 Datasheet(HTML) 4 Page - Copal Electronics

  DP7132 Datasheet HTML 1Page - Copal Electronics DP7132 Datasheet HTML 2Page - Copal Electronics DP7132 Datasheet HTML 3Page - Copal Electronics DP7132 Datasheet HTML 4Page - Copal Electronics DP7132 Datasheet HTML 5Page - Copal Electronics DP7132 Datasheet HTML 6Page - Copal Electronics DP7132 Datasheet HTML 7Page - Copal Electronics DP7132 Datasheet HTML 8Page - Copal Electronics DP7132 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DP7132
4
Doc. No. MD-2124, Rev. E
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
D.C. ELECTRICAL CHARACTERISTICS
(Over recommended operating conditions unless otherwise stated.)
l
o
b
m
yr
Se
t
e
m
a
r
as
Pn
o
i
t
i
d
n
o
C
t
s
en
Ti
Mx
a
Ms
t
i
n
U
C
O
/
I
)
A
D
S
(
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
/
t
u
p
nV
I
O
/
I
V
0
=
)
1
(
8F
p
C
N
I
)
L
C
S
,
1
A
,
0
A
(
e
c
n
a
t
i
c
a
p
a
C
t
u
p
nV
I
N
I
V
0
=
)
1
(
6F
p
CAPACITANCE
TA
CC = 5.0V
l
o
b
m
yr
Se
t
e
m
a
r
a
P
)
1
.
g
i
F
e
e
s
(
V
C
C
V
5
.
5
-
7
.
2
=
s
t
i
n
U
n
i
Mx
a
M
F
L
C
S
y
c
n
e
u
q
e
r
F
k
c
o
l
C
0
0
4
k
T
I
)
1
(
s
t
u
p
n
I
A
D
S
&
L
C
S
t
a
t
n
a
t
s
n
o
C
e
m
i
T
n
o
i
s
s
e
r
p
p
u
S
e
s
i
o
N
0
5s
n
t
A
A
t
u
O
K
C
A
d
n
a
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
C
L
S
1s
µ
t
F
U
B
)
1
(
t
r
a
t
s
n
a
c
n
o
i
s
s
i
m
s
n
a
r
t
w
e
n
a
e
r
o
e
b
e
e
r
e
b
t
s
u
m
s
u
b
e
h
t
e
m
i2
T.
s
1µ
t
A
T
S
:
D
e
m
i
T
d
l
o
n
o
i
t
i
d
n
o
C
t
r
a
t6
S.
s
0µ
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l2
C.
s
1µ
t
G
I
d
o
i
r
e
P
h
g
i
k
c
o
l6
C.
s
0µ
t
A
T
S
:
U
S
)
n
o
i
t
i
d
n
o
C
t
r
a
t
S
d
e
t
a
e
p
e
R
a
r
o
(
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t6
S.
s
0µ
t
T
A
D
:
D
e
m
i
T
d
l
o
n
i
a
t
a
s
0
D
n
t
R
)
1
(
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S
3
.
0s
µ
t
F
)
1
(
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S
0
0
3s
n
t
O
T
S
:
U
S
e
m
i
T
p
u
t
e
S
s
n
o
i
t
i
d
n
o
C
p
o
t6
S.
s
0µ
t
D
e
m
i
T
d
l
o
t
u
O
a
t
a0
D0
s
1n
A.C. CHARACTERISTICS
Notes:
1.
l
o
b
m
yr
Se
t
e
m
a
r
as
Pn
o
i
t
i
d
n
o
C
t
s
en
Ti
Mx
a
Ms
t
i
n
U
I
1
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
)
d
a
e
R
/
e
t
i
r
W
e
li
t
a
l
o
V
(
F
L
C
S
,
n
e
p
O
A
D
S
,
k
0
0
4
=
V
C
C
D
N
G
=
t
u
p
n
I
,
V
5
.
5
=
1A
m
I
2
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
)
E
T
I
R
W
e
li
t
a
l
o
v
n
o
N
(
F
L
C
S
,
n
e
p
O
A
D
S
,
k
0
0
4
=
V
C
C
D
N
G
=
t
u
p
n
I
,
V
5
.
5
=
0
.
3A
m
I
)
C
C
V
(
B
S
V
(
t
n
e
r
r
u
C
y
b
d
n
a
t
S
C
C
)
V
5
=V
N
I
V
r
o
D
N
G
=
C
C
V
=
A
D
S
,
C
C
5A
µ
I
)
+
V
(
B
S
t
n
e
r
r
u
C
y
b
d
n
a
t
S
+V
V
C
C
V
6
1
=
+
V
,
V
50
=1
A
µ
I
I
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
nV
I
N
I
V
o
t
D
N
G
=
C
C
0
1A
µ
I
O
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
uV
O
T
U
O
V
o
t
D
N
G
=
C
C
0
1A
µ
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n1
I-
V
C
C
3
.
0
xV
V
I
e
g
a
t
l
o
V
h
g
i
t
u
p
nV
I
C
C
7
.
0
xV
C
C
0
.
1
+V
V
1
L
O
V
(
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
C
C
)
0
.
3
=I
L
O
A
m
34
=.
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com