Electronic Components Datasheet Search
  English  ▼

X  

DP7132 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7132
Description  16 Volt Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7132 Datasheet(HTML) 1 Page - Copal Electronics

  DP7132 Datasheet HTML 1Page - Copal Electronics DP7132 Datasheet HTML 2Page - Copal Electronics DP7132 Datasheet HTML 3Page - Copal Electronics DP7132 Datasheet HTML 4Page - Copal Electronics DP7132 Datasheet HTML 5Page - Copal Electronics DP7132 Datasheet HTML 6Page - Copal Electronics DP7132 Datasheet HTML 7Page - Copal Electronics DP7132 Datasheet HTML 8Page - Copal Electronics DP7132 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
Doc. No. MD-2124, Rev. E
DP7132
FEATURES
■ Single linear DP with 128 taps
■ End-to-end resistance of 10k , 50k
or 100k
■
■ Fast Up/Down wiper control mode
■ Non-volatile wiper setting storage
■ Automatic wiper setting recall at power-up
■ Digital Supply range (VCC): 2.7V to 5.5V
■ Analog Supply range (V+): +8V to +16V
■ Low Standby Current: 15µA
■ 100 Year wiper setting memory
■ Industrial Temperature range: -40oC to +85oC
■ RoHS-compliant 10-pin MSOP package
APPLICATIONS
■ LCD screen adjustment
■ Volume control
■ Mechanical potentiometer replacement
■ Gain adjustment
■ Line impedance matching
■ VCOM setting adjustments
DESCRIPTION
The DP7132 is a high voltage Digital Potentiometer
(DP)
with
non-volatile
wiper
setting
memory,
operating
like
a
mechanical
potentiometer.
The tap points between the 127 equal resistive elements
are connected to the wiper output via CMOS switches.
The switches are controlled by a 7-bit Wiper Control
Register (WCR). The wiper setting can be stored in a
7-bit non-volatile Data Register (DR). The WCR is
accessed via the 2-wire serial bus.
Upon power-up, the WCR is set to mid-scale (1000000).
After the power supply is stable, the contents of the DR
are transferred to the WCR and the wiper is returned to
the memorized setting.
The DP7132 has two voltage supplies: VCC, the digital
supply and V+, the analog supply. V+ can be much
higher than VCC, allowing for 16V analog operations.
The DP7132 can be used as a potentiometer or as a
two-terminal variable resistor.
SDA
SCL
A0
A1
VCC
CONTROL LOGIC AND
ADDRESS DECODE
128 TAP POSITION
DECODE CONTROL
7-BIT WIPER
CONTROL
REGISTER
(WCR)
7-BIT
NONVOLATILE
MEMORY
REGISTER
(DR)
V+
RH
RL
RW
127
0
BLOCK DIAGRAM
For Ordering Information details, see page 13.
16 Volt Digital Potentiometer (DP)
with 128 Taps and 2-wire Interface
2-wire (I2C-like) interface


Similar Part No. - DP7132

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
32-Tap Digital Potentiometers
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
100-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
100-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
More results

Similar Description - DP7132

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
Addressable Digital Potentiometer
Rev 0; 4/02
logo
ams AG
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
Digital Potentiometer
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_06 Datasheet
540Kb / 14P
16 Volt Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
logo
Copal Electronics
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com