Electronic Components Datasheet Search
  English  ▼

X  

AR0135CS Datasheet(PDF) 6 Page - ON Semiconductor

Part # AR0135CS
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0135CS Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AR0135CS Datasheet HTML 2Page - ON Semiconductor AR0135CS Datasheet HTML 3Page - ON Semiconductor AR0135CS Datasheet HTML 4Page - ON Semiconductor AR0135CS Datasheet HTML 5Page - ON Semiconductor AR0135CS Datasheet HTML 6Page - ON Semiconductor AR0135CS Datasheet HTML 7Page - ON Semiconductor AR0135CS Datasheet HTML 8Page - ON Semiconductor AR0135CS Datasheet HTML 9Page - ON Semiconductor AR0135CS Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
AR0135CS
www.onsemi.com
6
CONFIGURATION AND PINOUT
The figures and tables below show a typical configuration
for the AR0135CS image sensor and show the package
pinouts.
Figure 5. Serial 4-lane HiSPi Interface
1. All power supplies must be adequately decoupled.
2. ON Semiconductor recommends a resistor value of 1.5 k
W, but a greater value may be used for slower two-wire speed.
3. This pull-up resistor is not required if the controller drives a valid logic level on SCLK at all times.
4. The parallel interface output pads can be left unconnected if the serial output interface is used.
5. ON Semiconductor recommends that 0.1
mF and 10 mF decoupling capacitors for each power supply are mounted as close as possible
to the pad. Actual values and results may vary depending on the layout and design considerations. Refer to the AR0135CS demo
headboard schematics for circuit recommendations.
6. ON Semiconductor recommends that analog power planes are placed in a manner such that coupling with the digital power planes is
minimized.
7. Although 4 serial lanes are shown, the AR0135CS supports only 2- or 3-lane HiSPi.
Notes:
FLASH
SLVS0_P
SLVS0_N
SLVS1_P
SLVS1_N
SLVS2_P
SLVS2_N
VDD_PLL
VDD_IO
VAA
VAA_PIX
AGND
DGND
VAA_PIX
VAA
VDD_IO
VDD
SDATA
SCLK
EXTCLK
OE_BAR
RESET_BAR
TEST
To Controller
From
Controller
Master Clock
(6−50 MHz)
Digital
I/O
Power1
Digital
Core
Power1
Analog
Power1
Analog
Power1
Analog
Ground
Digital
Ground
STANDBY
VDD_SLVS
HiSPi
Power1
VDD_PLL
PLL
Power1
SLVS3_P
SLVS3_N
SLVSC_P
SLVSC_N
VDD
VDD_SLVS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com