Electronic Components Datasheet Search
  English  ▼

X  

AR0135CS Datasheet(PDF) 17 Page - ON Semiconductor

Part # AR0135CS
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0135CS Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AR0135CS Datasheet HTML 13Page - ON Semiconductor AR0135CS Datasheet HTML 14Page - ON Semiconductor AR0135CS Datasheet HTML 15Page - ON Semiconductor AR0135CS Datasheet HTML 16Page - ON Semiconductor AR0135CS Datasheet HTML 17Page - ON Semiconductor AR0135CS Datasheet HTML 18Page - ON Semiconductor AR0135CS Datasheet HTML 19Page - ON Semiconductor AR0135CS Datasheet HTML 20Page - ON Semiconductor AR0135CS Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
AR0135CS
www.onsemi.com
17
DC Electrical Characteristics
The DC electrical characteristics are shown in Table 11,
Table 12, Table 13, Table 14, and Table 15.
Table 11. DC ELECTRICAL CHARACTERISTICS
Symbol
Definition
Condition
Min
Typ
Max
Unit
VDD
Core Digital Voltage
1.7
1.8
1.95
V
VDD_IO
I/O Digital Voltage
1.7/2.5
1.8/2.8
1.9/3.1
V
VAA
Analog Voltage
2.5
2.8
3.1
V
VAA_PIX
Pixel Supply Voltage
2.5
2.8
3.1
V
VDD_PLL
PLL Supply Voltage
2.5
2.8
3.1
V
VDD_SLVS
HiSPi Supply Voltage
0.3
0.4
0.6
V
VIH
Input HIGH Voltage
VDD_IO × 0.7
–
–
V
VIL
Input LOW Voltage
–
–
VDD_IO × 0.3
V
IIN
Input Leakage Current
No Pull-up Resistor;
VIN = VDD_IO or DGND
20
–
–
mA
VOH
Output HIGH Voltage
VDD_IO – 0.3
–
–
V
VOL
Output LOW Voltage
VDD_IO = 2.8 V
–
–
0.4
V
IOH
Output HIGH Current
At Specified VOH
–22
–
–
mA
IOL
Output LOW Current
At Specified VOL
–
–
22
mA
CAUTION:
Stresses greater than those listed in Table 12 may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Table 12. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Minimum
Maximum
Unit
VSUPPLY
Power Supply Voltage (All Supplies)
–0.3
4.5
V
ISUPPLY
Total Power Supply Current
–
200
mA
IGND
Total Ground Current
–
200
mA
VIN
DC Input Voltage
–0.3
VDD_IO + 0.3
V
VOUT
DC Output Voltage
–0.3
VDD_IO + 0.3
V
TSTG (Note 1)
Storage Temperature
–40
+85
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Table 13. OPERATING CURRENT CONSUMPTION FOR PARALLEL OUTPUT
(VAA = VAA_PIX = VDD_IO = VDD_PLL = 2.8 V; VDD = 1.8 V; PLL Enabled and PIXCLK = 74.25 MHz; TA = 25°C; CLOAD = 10 pF)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD
Digital Operating Current
Parallel, Streaming, Full Resolution 54 fps
−
46
60
mA
IDD_IO
I/O Digital Operating Current
Parallel, Streaming, Full Resolution 54 fps
−
52
–
mA
IAA
Analog Operating Current
Parallel, Streaming, Full Resolution 54 fps
−
46
55
mA
IAA_PIX
Pixel Supply Current
Parallel, Streaming, Full Resolution 54 fps
−
7
9
mA
IDD_PLL
PLL Supply Current
Parallel, Streaming, Full Resolution 54 fps
−
8
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com