Electronic Components Datasheet Search
  English  ▼

X  

AR0135CS Datasheet(PDF) 4 Page - ON Semiconductor

Part # AR0135CS
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0135CS Datasheet(HTML) 4 Page - ON Semiconductor

  AR0135CS Datasheet HTML 1Page - ON Semiconductor AR0135CS Datasheet HTML 2Page - ON Semiconductor AR0135CS Datasheet HTML 3Page - ON Semiconductor AR0135CS Datasheet HTML 4Page - ON Semiconductor AR0135CS Datasheet HTML 5Page - ON Semiconductor AR0135CS Datasheet HTML 6Page - ON Semiconductor AR0135CS Datasheet HTML 7Page - ON Semiconductor AR0135CS Datasheet HTML 8Page - ON Semiconductor AR0135CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
AR0135CS
www.onsemi.com
4
• Reset
The AR0135CS may be reset by a register write, or by
a dedicated input pin.
• Output Enable
The AR0135CS output pins may be tri-stated using
a dedicated output enable pin.
• Temperature Sensor
The temperature sensor is only guaranteed to be
functional when the AR0135CS is initially powered-up
or is reset at temperatures at or above 0
°C.
• Black Level Correction
• Row Noise Correction
• Column Correction
• Test Patterns
Several test patterns may be enabled for debug
purposes. These include a solid color, color bar, fade to
grey, and a walking 1s test pattern.
PIXEL DATA FORMAT
Pixel Array Structure
The AR0135CS pixel array is configured as 1412 columns
by 1028 rows, (see Figure 2). The dark pixels are optically
black and are used internally to monitor black level. Of the
right 108 columns, 64 are dark pixels used for row noise
correction. Of the top 24 rows of pixels, 12 of the dark rows
are used for black level correction. There are 1288 columns
by 972 rows of optically active pixels that can be readable.
While the sensor’s format is 1280
× 960, the additional
active columns and active rows are included for use when
horizontal or vertical mirrored readout is enabled, to allow
readout to start on the same pixel. The active area is
surrounded with optically transparent dummy pixels to
improve image uniformity within the active area. Not all
dummy pixels or barrier pixels can be read out. The optical
center of the readable active pixels can be found between
X_ADDR 643 and 644, and between Y_ADDR 485 and
486.
Figure 2. Pixel Array Description
1412
Dark Pixel
Barrier Pixel
Light Dummy
Pixel
Readable
Active Pixel
Extra Active
Pixel
4 Extra Active +
2 Light Dummy +
4 Barrier +
24 Dark +
10 Barrier
1288
× 972 (Readable Active Pixel)
4.83
× 3.645 mm2
2 Extra Active +
2 Light Dummy +
4 Barrier +
100 Dark +
4 Barrier
6 Extra Active +
2 Light Dummy +
4 Barrier
2 Light Dummy +
10 Barrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com