Electronic Components Datasheet Search
  English  ▼

X  

AR0135CS Datasheet(PDF) 14 Page - ON Semiconductor

Part # AR0135CS
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0135CS Datasheet(HTML) 14 Page - ON Semiconductor

Back Button AR0135CS Datasheet HTML 10Page - ON Semiconductor AR0135CS Datasheet HTML 11Page - ON Semiconductor AR0135CS Datasheet HTML 12Page - ON Semiconductor AR0135CS Datasheet HTML 13Page - ON Semiconductor AR0135CS Datasheet HTML 14Page - ON Semiconductor AR0135CS Datasheet HTML 15Page - ON Semiconductor AR0135CS Datasheet HTML 16Page - ON Semiconductor AR0135CS Datasheet HTML 17Page - ON Semiconductor AR0135CS Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
AR0135CS
www.onsemi.com
14
Table 4. TWO-WIRE SERIAL BUS CHARACTERISTICS (continued)
(fEXTCLK = 27 MHz; VDD = 1.8 V; VDD_IO = 2.8 V; VAA = 2.8 V; VAA_PIX = 2.8 V; VDD_PLL = 2.8 V; VDD_DAC = 2.8 V; TA = 25°C)
Parameter
Unit
Fast-Mode
Standard Mode
Symbol
Parameter
Unit
Max
Min
Max
Min
Symbol
SDATA Max Load Capacitance
CLOAD_SD
−
30
−
30
pF
SDATA Pull-up Resistor
RSD
1.5
4.7
1.5
4.7
k
W
1. This table is based on I2C standard (v2.1 January 2000). Philips Semiconductor.
2. Two-wire control is I2C-compatible.
3. All values referred to VIHmin = 0.9 VDD_IO and VILmax = 0.1 VDD_IO levels. Sensor EXCLK = 27 MHz.
4. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the undefined region of the falling edge of SCLK.
5. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCLK signal.
6. A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tSU;DAT 250 ns must then be met. This
will automatically be the case if the device does not stretch the LOW period of the SCLK signal. If such a device does stretch the LOW period
of the SCLK signal, it must output the next data bit to the SDATA line tr max + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard-mode
I2C-bus specification) before the SCLK line is released.
7. Cb = total capacitance of one bus line in pF.
I/O Timing
By default, the AR0135CS launches pixel data, FV and
LV with the falling edge of PIXCLK. The expectation is that
the user captures DOUT[11:0], FV and LV using the rising
edge of PIXCLK. The launch edge of PIXCLK can be
configured in register R0x3028. See Figure 15 and Table 5
for I/O timing (AC) characteristics.
Figure 15. I/O Timing Diagram
EXTCLK
PIXCLK
Data[11:0]
LINE_VALID/
FRAME_VALID
Pxl_0
Pxl_1
Pxl_2
Pxl_n
tPFL
tPLL
tFP
tRP
tF
tR
90%
90%
90%
90%
10%
10%
10%
10%
tEXTCLK
tPD
tPLH
tPFH
FRAME_VALID Leads LINE_VALID
by 6 PIXCLKs
FRAME_VALID Trails LINE_VALID
by 6 PIXCLKs
Table 5. I/O TIMING CHARACTERISTICS, PARALLEL OUTPUT (1.8 V VDD_IO) (Note 1)
Symbol
Definition
Condition
Min
Typ
Max
Unit
fEXTCLK
Input Clock Frequency
6
−
50
MHz
tEXTCLK
Input Clock Period
20
−
166
ns
tR
Input Clock Rise Time
PLL Enabled
−
3
−
ns
tF
Input Clock Fall Time
PLL Enabled
−
3
−
ns
tjJITTER
Input Clock Jitter
−
−
600
ns
tcp
EXTCLK to PIXCLK
Propagation Delay
Nominal Voltages, PLL Disabled, PIXCLK Slew
Rate = 4
5.7
−
14.3
ns
tRP
PIXCLK Rise Time
PCLK Slew Rate = 6
1.3
−
4.0
ns
tFP
PIXCLK Fall Time
PCLK Slew Rate = 6
1.3
−
3.9
ns
PIXCLK Duty Cycle
40
50
60
%
fPIXCLK
PIXCLK Frequency
PIXCLK Slew Rate = 6, Data Slew Rate = 7
6
−
74.25
MHz
tPD
PIXCLK to Data Valid
PIXCLK Slew Rate = 6, Data Slew Rate = 7
−2.5
−
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com